Electronic Components Datasheet Search
  English  ▼

X  

MPQ4485 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ4485
Description  36V, 6A, Step-Down Converter with Dual USB Charging Ports Supporting Type-C 5V 3A DFP Mode and BC1.2 CDP Mode for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4485 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ4485 Datasheet HTML 1Page - Monolithic Power Systems MPQ4485 Datasheet HTML 2Page - Monolithic Power Systems MPQ4485 Datasheet HTML 3Page - Monolithic Power Systems MPQ4485 Datasheet HTML 4Page - Monolithic Power Systems MPQ4485 Datasheet HTML 5Page - Monolithic Power Systems MPQ4485 Datasheet HTML 6Page - Monolithic Power Systems MPQ4485 Datasheet HTML 7Page - Monolithic Power Systems MPQ4485 Datasheet HTML 8Page - Monolithic Power Systems MPQ4485 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MPQ4485
– STEP-DOWN CONVERTER WITH DUAL USB CHARGING PORTS
MPQ4485 Rev.1.0
www.MonolithicPower.com
3
9/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MPQ4485GU-AEC1*
QFN-26 (5mmx5mm)
See Below
MPQ4485GU-LS-AEC1**
* For Tape & Reel, add suffix
–Z (e.g. MPQ4485GU-AEC1–Z)
** For Tape & Reel, add suffix
–Z (e.g. MPQ4485GU-LS-AEC1–Z)
DEVICE COMPARISON INFORMATION
Part Number
Load Shedding versus Temperature
MPQ4485GU-AEC1
No
MPQ4485GU-LS-AEC1
Yes
TOP MARKING
MPS: MPS prefix
YY: Year code
WW: Week code
MP4485: Product code
LLLLLLL: Lot number
PACKAGE REFERENCE
TOP VIEW
PGND
5
8
9
21
20
19
DP1
10
1
7
PGND
AGND
17
11
6
18
25 OUT
26 SW
POL
SW
SW
BST
MODE
EN
VCC
DP2
DM2
DP2_OUT
DM2_OUT
12
USB1
2
OUT
3
IN
4
IN
14
15
OUT
16
USB2
24
DM1
23
CC1
22
CC2
13
QFN-26 (5mmx5mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com