Electronic Components Datasheet Search
  English  ▼

X  

MPQ4485 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MPQ4485
Description  36V, 6A, Step-Down Converter with Dual USB Charging Ports Supporting Type-C 5V 3A DFP Mode and BC1.2 CDP Mode for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4485 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MPQ4485 Datasheet HTML 6Page - Monolithic Power Systems MPQ4485 Datasheet HTML 7Page - Monolithic Power Systems MPQ4485 Datasheet HTML 8Page - Monolithic Power Systems MPQ4485 Datasheet HTML 9Page - Monolithic Power Systems MPQ4485 Datasheet HTML 10Page - Monolithic Power Systems MPQ4485 Datasheet HTML 11Page - Monolithic Power Systems MPQ4485 Datasheet HTML 12Page - Monolithic Power Systems MPQ4485 Datasheet HTML 13Page - Monolithic Power Systems MPQ4485 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
MPQ4485
– STEP-DOWN CONVERTER WITH DUAL USB CHARGING PORTS
MPQ4485 Rev.1.0
www.MonolithicPower.com
10
9/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 5.17V, L = 4.7µH, TA = 25°C, set USB1 to Type-C 5V @ 3A DFP mode, set USB2
to CDP mode, unless otherwise noted.
Load Shedding Entry (For
MPQ4485GU-LS-AEC1 Only)
USB1_Io = 0.5A
Load Shedding Recovery (For
MPQ4485GU-LS-AEC1 Only)
USB1 load current from 0.5A to 0A
CH1:
USB1_VOUT
2V/div.
CH2: VCC1
1V/div.
CH4:
USB1_IOUT
1A/div.
CH1:
USB1_VOUT
2V/div.
CH2: VCC1
1V/div.
CH4:
USB1_IOUT
1A/div.
10ms/div.
2s/div.
USB1 Over-Current Protection
CH1:
USB1_VOUT
5V/div.
CH4:
USB1_IOUT
2A/div.
2ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com