Electronic Components Datasheet Search
  English  ▼

X  

MP5014A Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP5014A
Description  12 V, 5 A, Programmable Current-Limit Switch with Over-Volatge Clamp and Slew-Rate Control in TSOT23-8
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5014A Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP5014A Datasheet HTML 1Page - Monolithic Power Systems MP5014A Datasheet HTML 2Page - Monolithic Power Systems MP5014A Datasheet HTML 3Page - Monolithic Power Systems MP5014A Datasheet HTML 4Page - Monolithic Power Systems MP5014A Datasheet HTML 5Page - Monolithic Power Systems MP5014A Datasheet HTML 6Page - Monolithic Power Systems MP5014A Datasheet HTML 7Page - Monolithic Power Systems MP5014A Datasheet HTML 8Page - Monolithic Power Systems MP5014A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MP5014A – 12 V, 1A-5 A, PROGRAMMABLE CURRENT-LIMIT SWITCH
MP5014A Rev. 1.0
www.MonolithicPower.com
2
6/23/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP5014AGJ
TSOT23-8
See Below
* For Tape & Reel, add suffix –Z (e.g. MP5014AGJ–Z)
TOP MARKING
AMJ: Product code of MP5014AGJ
Y: Year code
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS (1)
VCC, SOURCE, I-LIMIT................-0.3 V to 22 V
DV/DT, ENABLE/FAULT.................-0.3 V to 6 V
Storage temperature................ -65
°C to +155°C
Continuous power dissipation
(TA = +25°C)
(2)
.......................................................... 1.25 W
Junction temperature ................................ 150
°C
Input voltage transient (100 ms) ........VIN = 25 V
Recommended Operating Conditions
(3)
Input voltage operating range…….10 V to 13.8 V
Continuous current 0.5 in2 pad ................. 4.2 A
For minimum copper, TA= 80°C ................. 2.3 A
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
TSOT23-8 ..............................100 ..... 55 ...
°C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will produce an excessive die temperature, causing the
regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com