Electronic Components Datasheet Search
  English  ▼

X  

MP5014A Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP5014A
Description  12 V, 5 A, Programmable Current-Limit Switch with Over-Volatge Clamp and Slew-Rate Control in TSOT23-8
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5014A Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP5014A Datasheet HTML 5Page - Monolithic Power Systems MP5014A Datasheet HTML 6Page - Monolithic Power Systems MP5014A Datasheet HTML 7Page - Monolithic Power Systems MP5014A Datasheet HTML 8Page - Monolithic Power Systems MP5014A Datasheet HTML 9Page - Monolithic Power Systems MP5014A Datasheet HTML 10Page - Monolithic Power Systems MP5014A Datasheet HTML 11Page - Monolithic Power Systems MP5014A Datasheet HTML 12Page - Monolithic Power Systems MP5014A Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MP5014A – 12 V, 1A-5 A, PROGRAMMABLE CURRENT-LIMIT SWITCH
MP5014A Rev. 1.0
www.MonolithicPower.com
9
6/23/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The MP5014A limits the inrush current to the
load when a circuit card connects to a live
backplane power source, thereby limiting the
backplane’s voltage drop and the dv/dt of the
voltage to the load. It offers an integrated solution
to monitor the input voltage, output voltage,
output current, and die temperature, eliminating
the external current-sense power resistor, power
MOSFET, and thermal sensor.
Under-Voltage Lockout Operation (UVLO)
If the supply (input) is below the UVLO threshold,
the output is disabled, and the ENABLE/FAULT
line is driven low.
When the supply rises above the UVLO threshold,
the output is enabled and the fault line is
released. When the fault line is released, the
supply is pulled high by a 25 μA current source.
No external pull-up resistor is required. In
addition, the pull-up voltage is limited to 5 V.
Output Over-Voltage Protection (OVP)
If the input voltage is higher than the OVP
threshold, the output is clamped at 15 V, typically.
Current Limit
When the part is active, if the load reaches the
trip current (the minimum threshold current
triggers over-current protection) or a short is
present, the part switches into constant-current
(hold current) mode. The part is shutdown only if
the over-current condition remains long enough
to trigger thermal protection.
However, when the part is powered up by VCC
or EN, the load current should be less than the
hold current. Otherwise, the part cannot be
turned on fully.
In a typical application using a current limit
resistor of 22 Ω, the trip current is 5.6 A, and the
hold current is 3.8 A. If the device is in its normal
operating state and passing 2 A, it will need to
dissipate only 144 mW with the very low on
resistance of 36 mΩ. For the package dissipation
of 100°C/W, the temperature rise is only +14°C.
Combined with a 25°C ambient temperature, this
is only a 39°C total package temperature.
During a short-circuit condition, the device has
12 V across it. The hold current clamps at 3.8 A
and therefore must dissipate 45.6 W. At 100°C/W
(if uncontrolled), the temperature will rise above
the MP5014A thermal protection (+175°C) and
shut down the device to cause the temperature to
drop. Proper heat sink must be used if the device
is intended to supply the hold current and not
shut down. Without a heat sink, the hold current
should be maintained below 125 mA at +25°C
and below 75 mA at +85°C to prevent the device
from activating a thermal shutdown.
Thermal protection
When thermal protection is triggered, the output
is disabled, and the ENABLE/FAULT line is
driven to the middle level. The thermal fault
condition is latched, and the part will remain in a
latched off state until the power is re-started, or
ENABLE/FAULT is re-set.
ENABLE/FAULT
ENABLE/FAULT is a bi-directional, three level
I/O with a weak pull-up current (25 μA typically).
The three levels are low, mid, and high.
ENABLE/FAULT functions to enable/disable the
part and to relay fault information.
ENABLE/FAULT as an input:
1. Low and mid disable the part.
2. Low, in addition to disabling the part,
clears the fault flag.
3. High enables the part (if the fault flag is
clear).
ENABLE/FAULT as an output:
1. The pull-up current may (if not over ridden)
allow a “wired nor” pull up to enable the
part.
2. An under voltage causes a low on
ENABLE/FAULT and clears the fault flag.
3. A thermal fault causes a mid level on
ENABLE/FAULT and sets the fault flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com