Electronic Components Datasheet Search
  English  ▼

X  

MP5014A Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5014A
Description  12 V, 5 A, Programmable Current-Limit Switch with Over-Volatge Clamp and Slew-Rate Control in TSOT23-8
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5014A Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5014A Datasheet HTML 6Page - Monolithic Power Systems MP5014A Datasheet HTML 7Page - Monolithic Power Systems MP5014A Datasheet HTML 8Page - Monolithic Power Systems MP5014A Datasheet HTML 9Page - Monolithic Power Systems MP5014A Datasheet HTML 10Page - Monolithic Power Systems MP5014A Datasheet HTML 11Page - Monolithic Power Systems MP5014A Datasheet HTML 12Page - Monolithic Power Systems MP5014A Datasheet HTML 13Page - Monolithic Power Systems MP5014A Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP5014A – 12 V, 1A-5 A, PROGRAMMABLE CURRENT-LIMIT SWITCH
MP5014A Rev. 1.0
www.MonolithicPower.com
10
6/23/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The ENABLE/FAULT line must be high level for
the output to turn on.
The fault flag is an internal flip-flop that can be
set or re-set under the conditions below:
1. Thermal Shutdown: sets fault flag.
2. Under Voltage: re-sets fault flag.
3. Low Voltage on ENABLE/FAULT: re-sets
fault flag.
4. Mid Voltage on ENABLE/FAULT: no
effect.
During a thermal shutdown, ENABLE/FAULT is
driven to the mid level.
There are four types of faults, and each fault has
a direct and indirect effect on ENABLE/FAULT
and the internal fault flag (see Table 1).
In a typical application there are one or more of
the
MP5014A
chips
in
a
system.
The
ENABLE/FAULT lines will be connected to each
other typically.
Table 1—Fault function influence in application
Fault Description Internal Action
Effect on Fault Pin
Effect on Flag
Effect on Secondary Part
Short/over current
Limits current
None
None
None
Under voltage
Output is
turned off
Internally drives
ENABLE/FAULT to
logic low
Flag is re-set
Secondary part output is
disabled, and the fault flag
is re-set
Over voltage
Limits output
voltage
None
None
None
Thermal
shutdown
Shuts down the
part. The part is
latched off until
UVLO or driven
to ground
externally
Internally drives
ENABLE/FAULT
to mid level
Flag is set
Secondary part output is
disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com