Electronic Components Datasheet Search
  English  ▼

X  

MP5014A Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5014A
Description  12 V, 5 A, Programmable Current-Limit Switch with Over-Volatge Clamp and Slew-Rate Control in TSOT23-8
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5014A Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5014A Datasheet HTML 1Page - Monolithic Power Systems MP5014A Datasheet HTML 2Page - Monolithic Power Systems MP5014A Datasheet HTML 3Page - Monolithic Power Systems MP5014A Datasheet HTML 4Page - Monolithic Power Systems MP5014A Datasheet HTML 5Page - Monolithic Power Systems MP5014A Datasheet HTML 6Page - Monolithic Power Systems MP5014A Datasheet HTML 7Page - Monolithic Power Systems MP5014A Datasheet HTML 8Page - Monolithic Power Systems MP5014A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP5014A – 12 V, 1A-5 A, PROGRAMMABLE CURRENT-LIMIT SWITCH
MP5014A Rev. 1.0
www.MonolithicPower.com
3
6/23/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 12 V, RLIMIT = 22 Ω, capacitive load = 10 μF, TJ=25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Power FET
Delay time
tDLY
Enabling of chip to
ID = 100 mA with a 1 A
resistive load, float DV/DT
0.4
ms
TJ = 25°C
36
On resistance
RDSon
TJ = 85°C
(5)
48
mΩ
Off-state output voltage
VOFF
VCC = 18 Vdc, VENABLE = 0 Vdc,
RL= 500 Ω
120
mV
Thermal latch
Shutdown temperature
(5)
TSD
175
°C
Under/over voltage protection
Output clamping voltage
VCLAMP
Over-voltage protection,
VCC = 17 V
13.8
15
16.2
V
Under-voltage lockout
VUVLO
Turn on,
voltage goes high
7.7
8.5
9.3
V
Under-voltage
lockout
(UVLO)
hysteresis
VHYST
0.80
V
Current limit
(5)
Hold current
ILIM-SS
RLIM = 22 Ω
2.8
3.8
4.9
A
Trip current
ILIM-OL
RLIM = 22 Ω
5.6
A
DV/DT circuit
Rise time
Tr
Float DV/DT, output rises from
10% to 90%
1
ms
ENABLE/FAULT
Low-level input voltage
VIL
Output disabled
0.5
V
Intermediate level input voltage
VI (INT)
Thermal fault, output disabled
0.82
1.4
1.95
V
High-level input voltage
VIH
Output enabled
2.5
V
High-state maximum voltage
VI (MAX)
5
V
Low-level input current (source)
IIL
VENABLE = 0 V
15
25
35
μA
Maximum fanout for fault signal
Total number of chips that can
be connected for simultaneous
shutdown
3
Units
Maximum voltage on
ENABLE/FAULT
(6)
VMAX
VCC
V
Total device
Device operational
1000
1200
Enable shutdown
300
400
Bias current
IBIAS
Thermal shutdown
400
500
μA
Minimum operating voltage for
UVLO
VMIN
Enable < 0.5 V
5
V
NOTES:
5) Guaranteed by characterization test.
6) Maximum input voltage on ENABLE/FAULT is ≤ 6 V if VCC ≥ 6 V. Maximum input voltage on ENABLE/FAULT is VCC if VCC ≤ 6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com