Electronic Components Datasheet Search
  English  ▼

X  

MP5014A Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5014A
Description  12 V, 5 A, Programmable Current-Limit Switch with Over-Volatge Clamp and Slew-Rate Control in TSOT23-8
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5014A Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5014A Datasheet HTML 1Page - Monolithic Power Systems MP5014A Datasheet HTML 2Page - Monolithic Power Systems MP5014A Datasheet HTML 3Page - Monolithic Power Systems MP5014A Datasheet HTML 4Page - Monolithic Power Systems MP5014A Datasheet HTML 5Page - Monolithic Power Systems MP5014A Datasheet HTML 6Page - Monolithic Power Systems MP5014A Datasheet HTML 7Page - Monolithic Power Systems MP5014A Datasheet HTML 8Page - Monolithic Power Systems MP5014A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP5014A
12 V, 5 A, Programmable Current-Limit
Switch with Over-Volatge Clamp and
Slew-Rate Control in TSOT23-8
MP5014A Rev. 1.0
www.MonolithicPower.com
1
6/23/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP5014A is a protection device designed to
protect circuitry on the output (source) from
transients on the input (VCC). Also, it protects VCC
from undesired shorts and transients coming
from the source.
At start-up, the inrush current is limited by
restricting the slew rate at the source. The slew
rate is controlled by a small capacitor at DV/DT.
DV/DT has an internal circuit that allows this pin
to float (no connection) and still receive 1 ms
ramp time at the source.
The maximum load at the output is current limited.
This is accomplished by utilizing a sense FET
topology. The magnitude of the current limit is
controlled by an external resistor from I-LIMIT to
SOURCE.
An internal charge pump drives the gate of the
power device, allowing a very low on-resistance
DMOS power FET of just 36 mΩ.
The source is protected from the VCC input going
too low or too high. Under-voltage lockout (UVLO)
assures that VCC is above the minimum operating
threshold before the power device is turned on. If
VCC rises above the high output threshold, the
source voltage is limited.
FEATURES
• 10 V to 13.8 V Operating Input Range
• 15 V Typical Output Over-Voltage Clamp
• Absolute Maximum Voltage of 22 V
• Input Under-Voltage Lockout
• Low Inrush Current during Start-Up
• Integrated 36 mΩ Power FET
• Enable/Fault Pin
• Adjustable Slew Rate for Output Voltage
• Adjustable Current Limit
• Thermal Protection
• TSOT23-8 Package
APPLICATIONS
• Storage (HDDs, SSDs)
• Hot-Swap Systems
• Set-Top Boxes
• Gaming
TYPICAL APPLICATION
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality
Assurance. “MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.


Similar Part No. - MP5014A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MP501 MCC-MP501 Datasheet
77Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP501 MCC-MP501 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Leshan Radio Company
MP501 LRC-MP501 Datasheet
193Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Shanghai Shunye Electro...
MP501 SHUNYE-MP501 Datasheet
221Kb / 2P
PRESS-FIT MOTOLOLA DIODES
logo
Micro Commercial Compon...
MP501 MCC-MP501 Datasheet
417Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MP5014A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2411 FAIRCHILD-FPF2411 Datasheet
1Mb / 13P
Switch with Slew Rate Control and RCB
logo
Vishay Siliconix
SIP32510 VISHAY-SIP32510 Datasheet
517Kb / 12P
1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
08-Jul-13
SIP32419 VISHAY-SIP32419 Datasheet
580Kb / 14P
28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
24-Oct-16
SIP32430 VISHAY-SIP32430 Datasheet
1,014Kb / 16P
28 V, 99 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
15-Jun-15
SIP32429 VISHAY-SIP32429 Datasheet
580Kb / 14P
28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
24-Oct-16
logo
Monolithic Power System...
MP5006 MPS-MP5006 Datasheet
361Kb / 13P
5V, 1A- 5A Programmable Current Limit Switch with Slew Rate Control and Auto Enable
MP5013A MPS-MP5013A Datasheet
494Kb / 14P
5 V, 5 A Programmable Current-Limit Switch with Over-Voltage Clamp and Slew-Rate Control in TSOT23-8
MP5013E MPS-MP5013E Datasheet
787Kb / 13P
5V, 2A, Programmable Current-Limit Switch with Over-Voltage Clamp and Slew Rate Control in a TSOT23-8
logo
Vishay Siliconix
SIP32429 VISHAY-SIP32429_V01 Datasheet
663Kb / 16P
28 V, 56 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
18-Jan-2021
SIP32430 VISHAY-SIP32430_V01 Datasheet
1Mb / 17P
28 V, 99 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
06-Jul-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com