Electronic Components Datasheet Search
  English  ▼

X  

MP5014A Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5014A
Description  12 V, 5 A, Programmable Current-Limit Switch with Over-Volatge Clamp and Slew-Rate Control in TSOT23-8
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5014A Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5014A Datasheet HTML 1Page - Monolithic Power Systems MP5014A Datasheet HTML 2Page - Monolithic Power Systems MP5014A Datasheet HTML 3Page - Monolithic Power Systems MP5014A Datasheet HTML 4Page - Monolithic Power Systems MP5014A Datasheet HTML 5Page - Monolithic Power Systems MP5014A Datasheet HTML 6Page - Monolithic Power Systems MP5014A Datasheet HTML 7Page - Monolithic Power Systems MP5014A Datasheet HTML 8Page - Monolithic Power Systems MP5014A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP5014A – 12 V, 1A-5 A, PROGRAMMABLE CURRENT-LIMIT SWITCH
MP5014A Rev. 1.0
www.MonolithicPower.com
4
6/23/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12 V, VEN = 5 V, RLIMIT = 22 Ω, COUT = 10 μF, CDV/DT = float, TA = 25°C, unless otherwise noted.
0
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
9
0
20
40
60
80 100 120
1
1.04
1.08
1.12
1.16
10
11
12
13
13
14
15
280
290
300
310
320
330
10
11
12
14
15
32
33
34
35
36
10
11
12
13
14
15
0
0.5
1
1.5
2
2.5
3
3.6
3.7
3.8
3.9
4
910
11
12
13
14
15
5
5.2
5.4
5.6
5.8
6
910
11
12
13
14
15
20
30
40
50
60
0
5 10 15 20 25 30 35 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com