Electronic Components Datasheet Search
  English  ▼

X  

LT3761 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3761
Description  60VIN LED Controller with Internal PWM Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3761 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3761 Datasheet HTML 5Page - Linear Technology LT3761 Datasheet HTML 6Page - Linear Technology LT3761 Datasheet HTML 7Page - Linear Technology LT3761 Datasheet HTML 8Page - Linear Technology LT3761 Datasheet HTML 9Page - Linear Technology LT3761 Datasheet HTML 10Page - Linear Technology LT3761 Datasheet HTML 11Page - Linear Technology LT3761 Datasheet HTML 12Page - Linear Technology LT3761 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LT3761/LT3761-1
9
37611fb
For more information www.linear.com/LT3761
pin FuncTions
difference between current sense inputs ISP and ISN is
less than 25mV. To function, the pin requires an external
pull-up resistor, usually to INTVCC. When the PWM input
is low and the DC/DC converter is idle, the OPENLED
condition is latched to the last valid state when the PWM
input was high. When PWM input goes high again, the
OPENLED pin will be updated. This pin may be used to
report transition from constant current regulation to con-
stant voltage regulation modes, for instance in a charger
or current limited voltage supply.
SYNC (Pin 9, LT3761-1 Only): The SYNC pin is used to
synchronize the internal oscillator to an external logic level
signal. The RT resistor should be chosen to program an
internal switching frequency 20% slower than the SYNC
pulse frequency. Gate turn-on occurs a fixed delay after
the rising edge of SYNC. For best PWM performance, the
PWM rising edge should occur at least 200ns before the
SYNC rising edge. Use a 50% duty cycle waveform to drive
this pin. This pin replaces OPENLED on LT3761-1 option
parts. If not used, tie this pin to PWMOUT.
DIM/SS(Pin10):Soft-StartandPWMOUTDimmingSignal
GeneratorProgrammingPin.Thispinmodulatesswitching
regulator frequency and compensation pin voltage (VC)
clamp when it is below 1V. The soft-start interval is set
with an external capacitor and the DIM/SS pin charging
current. The pin has an internal 12μA (typical) pull-up
current source. The soft-start pin is reset to GND by an
undervoltage condition (detected at the EN/UVLO pin),
INTVCC undervoltage, overcurrent event sensed at ISP/
ISN, or thermal limit. After initial start-up with EN/UVLO,
DIM/SSisforcedlowuntilthefirstPWMrisingedge.When
DIM/SS reaches the steady-state voltage (~1.17V), the
charging current (sum of internal and external currents) is
sensedandusedtosetthePWMpincharginganddischarge
currents and threshold hysteresis. In this manner, the SS
chargingcurrentsetsthedutycycleofthePWMOUTsignal
generator associated with the PWM pin. This pin should
always have a capacitor to GND, minimum 560pF value,
when used with the PWMOUT signal generator function.
Place the PWM pin capacitor close to the IC.
RT (Pin 11): Switching Frequency Adjustment Pin. Set the
frequency using a resistor to GND (for resistor values, see
the Typical Performance curve or Table 2). Do not leave
the RT pin open. Place the resistor close to the IC.
EN/UVLO (Pin 12): Enable and Undervoltage Detect Pin.
An accurate 1.22V falling threshold with externally pro-
grammable hysteresis causes the switching regulator to
shut down when power is insufficient to maintain output
regulation.Abovethe1.24V(typical)risingenablethreshold
(but below 2.5V), EN/UVLO input bias current is sub-μA.
Below the 1.22V (typical) falling threshold, an accurate
2.3μA (typical) pull-down current is enabled so the user
can define the rising hysteresis with the external resistor
selection. An undervoltage condition causes the GATE
and PWMOUT pins to transition low and resets soft-start.
Tie to 0.4V, or less, to disable the device and reduce VIN
quiescent current below 1μA.
INTVCC(Pin13):Currentlimited,lowdropoutlinearregula-
tor regulates to 7.85V (typical) from VIN. Supplies internal
loads,GATEandPWMOUTdrivers.Mustbebypassedwith
a 1µF ceramic capacitor placed close to the pin and to the
exposed pad GND of the IC.
VIN (Pin 14): Power Supply for Internal Loads and INTVCC
Regulator. Must be locally bypassed with a 0.22µF (or
larger) low ESR capacitor placed close to the pin.
SENSE (Pin 15): The Current Sense Input for the Switch
Control Loop. Kelvin connect the SENSE pin to the positive
terminal of the switch current sense resistor in the source
of the external power NFET. The negative terminal of the
switch current sense resistor should be Kelvin connected
to the exposed pad (GND) of the LT3761/LT3761-1.
GATE(Pin16):N-channelFETGateDriverOutput.Switches
betweenINTVCCandGND.DriventoGNDduringshutdown,
fault or idle states.
GND (Exposed Pad Pin 17): Ground. This pin also serves
as current sense input for the control loop, sensing the
negative terminal of the current sense resistor. Solder the
exposed pad directly to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com