Electronic Components Datasheet Search
  English  ▼

X  

LT3761 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3761
Description  60VIN LED Controller with Internal PWM Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3761 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3761 Datasheet HTML 17Page - Linear Technology LT3761 Datasheet HTML 18Page - Linear Technology LT3761 Datasheet HTML 19Page - Linear Technology LT3761 Datasheet HTML 20Page - Linear Technology LT3761 Datasheet HTML 21Page - Linear Technology LT3761 Datasheet HTML 22Page - Linear Technology LT3761 Datasheet HTML 23Page - Linear Technology LT3761 Datasheet HTML 24Page - Linear Technology LT3761 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LT3761/LT3761-1
21
37611fb
For more information www.linear.com/LT3761
applicaTions inFormaTion
These equations provide an estimate of the sense resistor
value based on reasonable assumptions about induc-
tor current ripple during steady state switching. Lower
values of sense resistor may be required in applications
where inductor ripple current is higher. Examples include
applications with current limited operation at high duty
cycle, and those with discontinuous conduction mode
(DCM) switching. It is always prudent to verify the peak
inductor current in the application to ensure the sense
resistor selection provides margin to the SENSE current
limit threshold.
The placement of RSENSE should be close to the source
of the NMOS FET and GND of the LT3761/LT3761-1. The
SENSE input to LT3761/LT3761-1 should be a Kelvin
connection to the positive terminal of RSENSE. Verify the
power on the resistor to ensure that it does not exceed
the rated maximum.
Inductor Selection
The inductor used with the LT3761/LT3761-1 should have
a saturation current rating appropriate to the maximum
switch current selected with the RSENSE resistor. Choose
an inductor value based on operating frequency, input
and output voltage to provide a current mode ramp on
SENSE during the switch on-time of approximately 20mV
magnitude. The following equations are useful to estimate
the inductor value for continuous conduction mode op-
eration (use the minimum value for VIN and maximum
value for VLED):
LBUCK =
RSENSE • VLED VIN – VLED
(
)
VIN • 0.02V • fOSC
LBUCK-BOOST =
RSENSE • VLED • VIN
VLED + VIN
(
) • 0.02V • fOSC
LBOOST =
RSENSE • VIN VLED – VIN
(
)
VLED • 0.02V • fOSC
Use the equation for Buck-Boost when choosing an in-
ductor value for SEPIC – if the SEPIC inductor is coupled,
then the equation’s result can be used as is. If the SEPIC
uses two uncoupled inductors, then each should have a
inductance double the result of the equation.
Table 6 provides some recommended inductor vendors.
Table 6. Recommended Inductor Manufacturers
MANUFACTURER
WEB
Coilcraft
www.coilcraft.com
Cooper-Coiltronics
www.cooperet.com
Würth-Midcom
www.we-online.com
Vishay
www.vishay.com
Loop Compensation
The LT3761/LT3761-1 uses an internal transconductance
error amplifier whose VC output compensates the con-
trol loop. The external inductor, output capacitor and the
compensation resistor and capacitor determine the loop
stability. The inductor and output capacitor are chosen
based on performance, size and cost. The compensation
resistorandcapacitoratVCareselectedtooptimizecontrol
loop response and stability. For typical LED applications,
a 4.7nF compensation capacitor at VC is adequate, and
a series resistor should always be used to increase the
slew rate on the VC pin to maintain tighter regulation of
LED current during fast transients on the input supply to
the converter.
The DC-Coupling Capacitor Selection for SEPIC
LED Driver
The DC voltage rating of the DC-coupling capacitor CDC
connectedbetweentheprimaryandsecondaryinductors of
a SEPIC should be larger than the maximum input voltage:
VCDC > VIN(MAX)
CDC has nearly a rectangular current waveform. During
the switch off-time, the current through CDC is IVIN, while
approximately –ILED flows during the on-time. The CDC
voltage ripple causes current distortions on the primary
and secondary inductors. The CDC should be sized to limit
its voltage ripple. The power loss on the CDC ESR reduces
the LED driver efficiency. Therefore, the sufficient low ESR
ceramic capacitors should be selected. The X5R or X7R
ceramic capacitor is recommended for CDC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com