Electronic Components Datasheet Search
  English  ▼

X  

LT3761 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3761
Description  60VIN LED Controller with Internal PWM Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3761 Datasheet(HTML) 3 Page - Linear Technology

  LT3761 Datasheet HTML 1Page - Linear Technology LT3761 Datasheet HTML 2Page - Linear Technology LT3761 Datasheet HTML 3Page - Linear Technology LT3761 Datasheet HTML 4Page - Linear Technology LT3761 Datasheet HTML 5Page - Linear Technology LT3761 Datasheet HTML 6Page - Linear Technology LT3761 Datasheet HTML 7Page - Linear Technology LT3761 Datasheet HTML 8Page - Linear Technology LT3761 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LT3761/LT3761-1
3
37611fb
For more information www.linear.com/LT3761
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 24V, EN/UVLO = 24V, CTRL = 2V, PWM = 5V, unless otherwise noted.
elecTrical characTerisTics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Error Amplifier
Full-Scale ISP/ISN Current Sense Threshold
(VISP-ISN)
CTRL ≥ 1.2V, ISP = 48V
CTRL ≥ 1.2V, ISN = 0V
l
l
242
243
250
257
258
268
mV
mV
1/10th Scale ISP/ISN Current Sense Threshold
(VISP-ISN)
CTRL = 0.2V, ISP = 48V
CTRL = 0.2V, ISN = 0V
l
l
21
17
25
28
30
39
mV
mV
Mid-Scale ISP/ISN Current Sense Threshold
(VISP-ISN)
CTRL = 0.5V, ISP = 48V
CTRL = 0.5V, ISN = 0V
l
l
96
95
100
105
104
115
mV
mV
ISP/ISN Overcurrent Threshold
600
mV
ISP/ISN Current Sense Amplifier Input Common Mode
Range (VISN)
0
80
V
ISP/ISN Input Bias Current High Side Sensing (Combined)
PWM = 5V (Active), ISP = ISN = 48V
PWM = 0V (Standby), ISP = ISN = 48V
100
0.1
µA
µA
ISP/ISN Input Bias Current Low Side Sensing (Combined)
PWM = 5V, ISP = ISN = 0V
–230
µA
ISP/ISN Current Sense Amplifier gm (High Side Sensing)
VISP-ISN = 250mV, ISP = 48V
120
µS
ISP/ISN Current Sense Amplifier gm (Low Side Sensing)
VISP-ISN = 250mV, ISN = 0V
70
µS
CTRL Pin Range for Linear Current Sense Threshold
Adjustment
l
0
1.0
V
CTRL Input Bias Current
Current Out of Pin
50
100
nA
VC Output Impedance
0.9V ≤ VC ≤ 1.5V
15
MΩ
VC Standby Input Bias Current
PWM = 0V
–20
20
nA
FB Regulation Voltage (VFB)
ISP = ISN = 48V, 0V
l
1.225
1.255
1.275
V
FB Amplifier gm
FB = VFB, ISP = ISN = 48V
500
µS
FB Pin Input Bias Current
Current Out of Pin, FB = VFB
40
100
nA
FB Open LED Threshold
OPENLED Falling, ISP Tied to ISN
(LT3761 Only)
l
VFB –
65mV
VFB –
50mV
VFB –
40mV
V
C/10 Inhibit for OPENLED Assertion (VISP-ISN)
FB = VFB, ISN = 48V, 0V (LT3761 Only)
14
25
39
mV
FB Overvoltage Threshold
PWMOUT Falling
VFB +
50mV
VFB +
60mV
VFB +
75mV
V
VC Current Mode Gain (∆VVC/∆VSENSE)
4
V/V
Oscillator
Switching Frequency
RT = 95.3kΩ
RT = 8.87kΩ
l
85
925
100
1000
115
1050
kHz
kHz
GATE Minimum Off-Time
CGATE = 2200pF
160
ns
GATE Minimum On-Time
CGATE = 2200pF
180
ns
SYNC Pin Resistance to GND
3761-1 Only
30
kΩ
SYNC Input High
3761-1 Only
1.5
V
SYNC Input Low
3761-1 Only
0.4
V
Linear Regulator
INTVCC Regulation Voltage
10V ≤ VIN ≤ 60V
l
7.6
7.85
8.05
V
INTVCC Maximum Operating Voltage
8.1
V
INTVCC Minimum Operating Voltage
4.5
V
Dropout (VIN – INTVCC)
IINTVCC = –10mA, VIN = 7V
390
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com