Electronic Components Datasheet Search
  English  ▼

X  

LT3761 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3761
Description  60VIN LED Controller with Internal PWM Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3761 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3761 Datasheet HTML 15Page - Linear Technology LT3761 Datasheet HTML 16Page - Linear Technology LT3761 Datasheet HTML 17Page - Linear Technology LT3761 Datasheet HTML 18Page - Linear Technology LT3761 Datasheet HTML 19Page - Linear Technology LT3761 Datasheet HTML 20Page - Linear Technology LT3761 Datasheet HTML 21Page - Linear Technology LT3761 Datasheet HTML 22Page - Linear Technology LT3761 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LT3761/LT3761-1
19
37611fb
For more information www.linear.com/LT3761
applicaTions inFormaTion
Therefore, a 10μF capacitor is an appropriate selection
for a 400kHz boost regulator with 12V input, 48V output
and 1A load.
With the same VIN voltage ripple of 100mV, the input ca-
pacitor for a buck converter can be estimated as follows:
CIN(µF) = ILED(A) • tSW(µs) • 4.7 •
µF
A • µs


A 10μF input capacitor is an appropriate selection for a
400kHz buck mode converter with a 1A load.
In the buck mode configuration, the input capacitor has
large pulsed currents due to the current returned through
the Schottky diode when the switch is off. In this buck
convertercaseitisimportanttoplacethecapacitorasclose
as possible to the Schottky diode and to the GND return
of the switch (i.e., the sense resistor). It is also important
to consider the ripple current rating of the capacitor. For
best reliability, this capacitor should have low ESR and
ESL and have an adequate ripple current rating.
Table 3. Recommended Ceramic Capacitor Manufacturers
MANUFACTURER
WEB
TDK
www.tdk.com
Kemet
www.kemet.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
Output Capacitor Selection
The selection of the output capacitor depends on the load
and converter configuration, i.e., step-up or step-down
and the operating frequency. For LED applications, the
equivalent resistance of the LED is typically low and the
output filter capacitor should be sized to attenuate the
current ripple. Use of X7R type ceramic capacitors is
recommended.
To achieve the same LED ripple current, the required filter
capacitor is larger in the boost and buck-boost mode ap-
plications than that in the buck mode applications. Lower
operating frequencies will require proportionately higher
capacitor values.
Soft-Start Capacitor Selection
For many applications, it is important to minimize the
inrush current at start-up. The built-in soft-start circuit
significantly reduces the start-up current spike and output
voltage overshoot. Connect a capacitor from the DIM/SS
pin to GND to use this feature. The soft-start interval is
set by the soft-start capacitor selection according to the
equation:
TSS = CSS •
1.2V
12µA
= CSS •
100µs
nF
provided there is no additional current supplied to the
DIM/SS pin for programming the duty cycle of the PWM
dimming signal generator. A typical value for the soft-start
capacitor is 10nF which gives a 1ms start-up interval. The
soft-start pin reduces the oscillator frequency and the
maximum current in the switch.
The soft-start capacitor discharges if one of the follow-
ing events occurs: the EN/UVLO falls below its threshold;
output overcurrent is detected at the ISP/ISN pins; IC
overtemperature; or INTVCC undervoltage. During start-
up with EN/UVLO, charging of the soft-start capacitor is
enabled after the first PWM high period. In the start-up
sequence, after switching is enabled by PWM the switch-
ing continues until VISP-ISN > 25mV or DIM/SS > 1V. PWM
pin negative edges during this start-up interval are not
processed until one of these two conditions are met so
that the regulator can reach steady state operation shortly
after PWM dimming commences.
Power MOSFET Selection
The selection criteria for the power MOSFET includes
the drain-source breakdown voltage (VDS), the threshold
voltage (VGS(TH)), the on-resistance (RDS(ON)), the gate
to source and gate to drain charges (QGS and QGD), the
maximumdraincurrent(ID(MAX))andtheMOSFET’sthermal
resistances (RθJC, RθJA).
Forapplicationsoperatingathighinputoroutputvoltages,
the power switch is typically chosen for drain voltage VDS
rating and low gate charge QG. Consideration of switch
on-resistance, RDS(ON), is usually secondary because



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com