Electronic Components Datasheet Search
  English  ▼

X  

LT3761 Datasheet(PDF) 29 Page - Linear Technology

Part # LT3761
Description  60VIN LED Controller with Internal PWM Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3761 Datasheet(HTML) 29 Page - Linear Technology

Back Button LT3761 Datasheet HTML 24Page - Linear Technology LT3761 Datasheet HTML 25Page - Linear Technology LT3761 Datasheet HTML 26Page - Linear Technology LT3761 Datasheet HTML 27Page - Linear Technology LT3761 Datasheet HTML 28Page - Linear Technology LT3761 Datasheet HTML 29Page - Linear Technology LT3761 Datasheet HTML 30Page - Linear Technology LT3761 Datasheet HTML 31Page - Linear Technology LT3761 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LT3761/LT3761-1
29
37611fb
For more information www.linear.com/LT3761
Boost PWM Dimming Waveform
ILED
0.5A/DIV
5µs/DIV
PWM
5V/DIV
37611 TA07b
VIN = 16V, VLED = 30V
Typical applicaTions
Buck Mode 5A LED Driver for 40kHz PWM Dimming
Boost LED Driver for 30kHz PWM Dimming
Buck Mode PWM Dimming Waveform
1µF
4.7nF
0.1µF
22k
16.9k
600kHz
VIN
LT3761
EN/UVLO
FB
VREF
ISP
SENSE
GND
100k
340k
C2
2.2µF
×2
100V
C1
4.7µF
×4
50V
VIN
44V TO 60V
10k
CTRL
50m
2W
M1
UP TO
8 LEDS
4V TO 40V
37611 TA08a
OPENLED
ISN
GATE
M2
PWMOUT
D2
5m
0.5W
5A
RT
VC
DIM/SS
PWM
INTVCC
L1
1µH
158k
6.2V
0.22µF
10k
2.2nF
200k
1M
200k
D1
L1: WÜRTH 744331010
M1: INFINEON BSC123NO8NS3
M2: INFINEON BSC093NO4LS
D1: DIODES PDS5100
D2: CENTRAL SEMI CMSSH-3S
C1: TDK C4532X7R1H475
C2: TDK C3225X7R2A225
LED: CREE XLAMP XM-L (
×7)
Q1: ZETEX FMMT593
VISHAY
Q1
1µF
4.7nF
0.1µF
3k
20.5k
500kHz
VIN
LT3761
L1
0.82µH
EN/UVLO
FB
VREF
SENSE
100k
187k
C1
10µF
25V
C2
10µF
×2
35V
VIN
8V TO
20V
39.2k
CTRL
6m
M1
D1
M2
499k
17.8k
37611 TA07a
OPENLED
GND
ISP
ISN
GATE
PWMOUT
0.25
1A
RT
VC
DIM/SS
PWM
INTVCC
L1: VISHAY IHLP2525CZ
D1: DIODES PDS1040CTL
M1: INFINEON BSC059N04
M2: VISHAY Si2318CDS
ILED
2A/DIV
5µs/DIV
PWM
10V/DIV
37611 TA08b
VIN = 48V, VLED = 38V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com