Electronic Components Datasheet Search
  English  ▼

X  

LT3761 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3761
Description  60VIN LED Controller with Internal PWM Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3761 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3761 Datasheet HTML 9Page - Linear Technology LT3761 Datasheet HTML 10Page - Linear Technology LT3761 Datasheet HTML 11Page - Linear Technology LT3761 Datasheet HTML 12Page - Linear Technology LT3761 Datasheet HTML 13Page - Linear Technology LT3761 Datasheet HTML 14Page - Linear Technology LT3761 Datasheet HTML 15Page - Linear Technology LT3761 Datasheet HTML 16Page - Linear Technology LT3761 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LT3761/LT3761-1
13
37611fb
For more information www.linear.com/LT3761
applicaTions inFormaTion
with the decreasing voltage sense threshold. When the
CTRL pin voltage is less than 1V, the LED current is:
ILED =
VCTRL − 100mV
RLED • 4
WhentheCTRLpinvoltageisbetween1Vand1.2VtheLED
current varies with CTRL, but departs from the previous
equation by an increasing amount as the CTRL voltage
increases. Ultimately, the LED current no longer varies for
CTRL ≥ 1.2V. At CTRL = 1.1V, the value of ILED is ~98% of
the equation’s estimate. Some values are listed in Table 1.
Table 1. (ISP-ISN) Threshold vs CTRL
VCRTL (V)
(ISP-ISN) Threshold (mV)
1.0
225
1.05
236
1.1
244.5
1.15
248.5
1.2
250
When CTRL is higher than 1.2V, the LED current is regu-
lated to:
ILED =
250mV
RLED
The CTRL pin should not be left open (tie to VREF if not
used). The CTRL pin can also be used in conjunction with
a thermistor to provide overtemperature protection for
the LED load, or with a resistor divider to VIN to reduce
output power and switching current when VIN is low.
The presence of a time varying differential voltage signal
(ripple) across ISP and ISN at the switching frequency
is expected. The amplitude of this signal is increased by
high LED load current, low switching frequency and/or a
smaller value output filter capacitor. Some level of ripple
signal is acceptable: the compensation capacitor on the
VC pin filters the signal so the average difference between
ISP and ISN is regulated to the user-programmed value.
Ripple voltage amplitude (peak-to-peak) in excess of
50mV should not cause mis-operation, but may lead to
noticeable offset between the current regulation and the
user-programmed value.
Figure 2. Feedback Resistor Connection for
Boost or SEPIC LED Driver
Programming Output Voltage (Constant Voltage
Regulation) or Open LED/Overvoltage Threshold
For a boost or SEPIC application, the output voltage can
be set by selecting the values of R3 and R4 (see Figure 2)
according to the following equation:
VOUT = 1.25 •
R3
+ R4
R4
Figure 3. Feedback Resistor Connection for
Buck Mode or Buck-Boost Mode LED Driver
For a boost type LED driver, set the resistor from the output
to the FB pin such that the expected voltage level during
normal operation will not exceed 1.17V. For an LED driver
of buck mode or a buck-boost mode configuration, the
output voltage is typically level-shifted to a signal with
respect to GND as illustrated in Figure 3. The output can
be expressed as:
VOUT = VBE + 1.25 •
R3
R4
FB
LT3761
VOUT
R4
37611 F02
R3
FB
LT3761
VOUT
R4
100k
37611 F03
R3
LED
ARRAY
RSEN(EXT)
COUT
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com