Electronic Components Datasheet Search
  English  ▼

X  

LT3761 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3761
Description  60VIN LED Controller with Internal PWM Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3761 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3761 Datasheet HTML 10Page - Linear Technology LT3761 Datasheet HTML 11Page - Linear Technology LT3761 Datasheet HTML 12Page - Linear Technology LT3761 Datasheet HTML 13Page - Linear Technology LT3761 Datasheet HTML 14Page - Linear Technology LT3761 Datasheet HTML 15Page - Linear Technology LT3761 Datasheet HTML 16Page - Linear Technology LT3761 Datasheet HTML 17Page - Linear Technology LT3761 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LT3761/LT3761-1
14
37611fb
For more information www.linear.com/LT3761
applicaTions inFormaTion
ISP/ISN Short-Circuit Protection Feature
The ISP/ISN pins have a protection feature independent
of their LED current sense feature. The purpose of this
feature is to prevent the development of excessive cur-
rents that could damage the power components or the
load. The action threshold (VISP-ISN > 600mV, typical) is
above the default LED current sense threshold, so that
no interference will occur with current regulation. This
feature acts in the same manner as switch current limit:
it prevents switch turn-on until the ISP/ISN difference
falls below the threshold. Exceeding the threshold also
activates a pull-down on the SS and PWM pins and causes
the GATE and PWMOUT pins to be driven low for at least
4µs. If an overcurrent condition is sensed at ISP/ISN and
the PWM pin is configured either to make an internal
dimming signal, or for always-on operation as shown in
the application titled Boost LED Driver with Output Short
Protection, then the LT3761/LT3761-1 will enter a hiccup
mode of operation. In this mode, after the initial response
to the fault, the PWMOUT pin re-enables the output switch
at an interval set by the capacitor on the PWM pin. If the
fault is still present, the PWMOUT pin will go low after a
short delay (typically 7µs) and turn off the output switch.
This fault-retry sequence continues until the fault is no
longer present in the output.
PWM Dimming Control
There are two methods to control the current source for
dimming using the LT3761/LT3761-1. One method uses
the CTRL pin to adjust the current regulated in the LEDs.
A second method uses the PWM pin to modulate the
current source between zero and full current to achieve
a precisely programmed average current. To make PWM
dimming more accurate, the switch demand current is
stored on the VC node during the quiescent phase when
PWM is low. This feature minimizes recovery time when
thePWMsignalgoeshigh.Tofurtherimprovetherecovery
time, a disconnect switch may be used in the LED current
path to prevent the ISP node from discharging during the
PWM signal low phase.
The minimum PWM on or off time is affected by choice of
operatingfrequencyandexternalcomponentselection.The
data sheet application titled “Boost LED Driver for 30kHz
PWM Dimming” demonstrates regulated current pulses
as short as 3μs are achievable. The best overall combina-
tion of PWM and analog dimming capability is available if
the minimum PWM pulse is at least six switching cycles.
A low duty cycle PWM signal can cause excessive start-up
timesifitwereallowedtointerruptthesoft-startsequence.
Therefore, once start-up is initiated by PWM > 1.3V, it will
ignore a logical disable by the external PWM input signal.
The device will continue to soft-start with switching and
PWMOUT enabled until either the voltage at SS reaches
the 1V level, or the output current reaches one-tenth of
the full-scale current. At this point the device will begin
following the dimming control as designated by PWM.
Disconnect Switch Selection
An NMOS in series with the LED string at the cathode
is recommended in most LT3761/LT3761-1 applications
to improve the PWM dimming. The NMOS BVDSS rating
should be as high as the open LED regulation voltage set
by the FB pin, which is typically the same rating as the
power switch of the converter. The maximum continuous
drain current ID(MAX) rating should be higher than the
maximum LED current.
A PMOS high side disconnect is needed for buck mode,
buck-boost mode or an output short circuit protected
boost. A level shift to drive the PMOS switch is shown
in the application schematic Boost LED Driver with Out-
put Short Circuit Protection. In the case of a high side
disconnect follow the same guidelines as for the NMOS
regarding voltage and current ratings. It is important to
include a bypass diode to GND at the drain of the PMOS
switch to ensure that the voltage rating of this switch is
not exceeded during transient fault events.
PWM Dimming Signal Generator
The LT3761/LT3761-1 features a PWM dimming signal
generator with programmable duty cycle. The frequency
of the square wave signal at PWMOUT is set by a capacitor
CPWMfromthePWMpintoGNDaccordingtotheequation:
fPWM = 14kHz • nF/CPWM
The duty cycle of the signal at PWMOUT is set by a µA
scale current into the DIM/SS pin (see Figure 4 and the
Typical Performance Characteristics).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com