Electronic Components Datasheet Search
  English  ▼

X  

LT3952 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3952
Description  60V LED Driver with 4A Switch Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3952 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3952 Datasheet HTML 9Page - Linear Technology LT3952 Datasheet HTML 10Page - Linear Technology LT3952 Datasheet HTML 11Page - Linear Technology LT3952 Datasheet HTML 12Page - Linear Technology LT3952 Datasheet HTML 13Page - Linear Technology LT3952 Datasheet HTML 14Page - Linear Technology LT3952 Datasheet HTML 15Page - Linear Technology LT3952 Datasheet HTML 16Page - Linear Technology LT3952 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LT3952
13
3952fb
For more information www.linear.com/LT3952
OPERATION
The LT3952 is a fixed-frequency, current mode boost con-
verter with a feature set ideal for driving high power LED
lamps. It provides input and output current regulation, as
well as output voltage regulation and fault handling. The
operation of the LT3952 is best understood by referring to
the Block Diagram. In normal operation, with the PWM pin
low, the switching is disabled, the TG pin is pulled high to
ISP to turn off the PMOS disconnect switch, the VC pin is
high impedance to store the previous switching state on
the external compensation capacitor, and the ISP/ISN pin
bias currents are reduced to leakage levels.
When the PWM pin transitions high, the TG pin transitions
low after a short delay. At the same time, the internal os-
cillator wakes up and generates a pulse to set the PWM
latch, turning on the internal NMOS power switch. The
switch current is sensed and added to a stabilizing slope
compensation ramp, and the resultant signal is compared
to the VC voltage. The inductor current increases linearly
during the switch on-time. When the current sense signal
exceeds the VC value, the latch is reset and the internal
NMOS power switch is turned off. During the switch
off-time, energy is transferred from the inductor and the
inductor current decreases. At the completion of each
oscillator cycle, internal signals such as slope compensa-
tion return to their starting points and a new cycle begins
with the set pulse from the oscillator.
Through this repetitive action, the IC establishes a switch-
ing duty cycle to regulate a current or voltage in the load.
The VC signal is integrated over many switching cycles,
and is an amplified version of the difference between the
LED current sense voltage, measured between ISP and
ISN, and the target difference voltage set by the CTRL pin.
In this manner, the error amplifier sets the correct peak
switch current level to keep the LED current in regulation.
If the error amplifier output increases, more current is
demanded in the switch; if it decreases, less current is
demanded. If the switch current exceeds the internal 4.5A
current limit, the latch is reset regardless of the state of
the PWM comparator. Likewise, in any fault condition; i.e.,
FB overvoltage (VFB > 1.23V), LED overcurrent (VISP-ISN
> 375mV), overvoltage lockout or INTVCC undervoltage
the switching is immediately disabled.
In addition to the VISP-ISN to CTRL feedback loop, the
LT3952 also provides additional loops to control input
current and output voltage. The loops are connected in a
wired-OR configuration, where the auxiliary loops are only
allowed to reduce the value of VC in the event that one or
more exceeds its threshold. This means that even if one
or more of the auxiliary loops is below its regulation point,
VC will not rise unless the output (LED) current sense is
also below its regulation point.
The first auxiliary loop is the output voltage feedback loop
using the FB pin. It is typically used to prevent the output
voltage from exceeding a safe value. The voltage at the FB
pin is compared to an internal reference voltage of 1.2V,
and the amplified difference pulls down the VC pin in the
case that FB exceeds 1.2V. As VC drops, the switching
current reduces and in this manner the output voltage is
regulated so that FB = 1.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com