Electronic Components Datasheet Search
  English  ▼

X  

LT3952 Datasheet(PDF) 29 Page - Linear Technology

Part # LT3952
Description  60V LED Driver with 4A Switch Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3952 Datasheet(HTML) 29 Page - Linear Technology

Back Button LT3952 Datasheet HTML 24Page - Linear Technology LT3952 Datasheet HTML 25Page - Linear Technology LT3952 Datasheet HTML 26Page - Linear Technology LT3952 Datasheet HTML 27Page - Linear Technology LT3952 Datasheet HTML 28Page - Linear Technology LT3952 Datasheet HTML 29Page - Linear Technology LT3952 Datasheet HTML 30Page - Linear Technology LT3952 Datasheet HTML 31Page - Linear Technology LT3952 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LT3952
29
3952fb
For more information www.linear.com/LT3952
TYPICAL APPLICATIONS
3MHz Buck-Boost LED Driver with Internal PWM Dimming and Fade Start
IVINP
LT3952
VIN
VC
SHORTLED
OPENLED
SHORTLED
OPENLED
SYNC/SPRD
INTVCC
TG
ISN
ISP
FB
GND
INTVCC
0.75
EN/UVLO
PWM
OVLO
CTRL
VREF
DIM
IVINCOMP
RT
SS
2.2µF
3952 TA05a
100nF
1µF
100V
1µF
10nF
25.5k
3MHz
21.5k
1M
31.6k
100k
100k
75k
INTVCC
1M
2.4k
D1: VISHAY VS-10BQ060
L1: WURTH WE-LHMI74437346025
M1: VISHAY Si7309DN
IVINN
15m
L1
2.5µH
SW
4.7µF
VIN
5V TO 35V
42V TRANSIENT
39V OVLO RISING
2.2µF
0.25s FADE
39nF
130Hz
8 LED
333mA
D1
4.7µF
50V
57V LIMIT
DIM (V)
0
3952 TA05c
2.5
2
1
0.5
1.5
PWM DUTY CYCLE
EFFICIENCY
VIN = 12V
100
60
20
80
40
0
VIN (V)
0
3952 TA05b
35
30
20
10
5
15
25
100
90
70
80
60
PWM Duty Cycle and Efficiency vs DIM Voltage
Efficiency vs Input Voltage
Power On – Fade Start
3952 TA05d
PWM
1V/DIV
VIN
10V/DIV
VLED
10V/DIV
ILED
200mA/DIV
40ms/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com