Electronic Components Datasheet Search
  English  ▼

X  

LT3952 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3952
Description  60V LED Driver with 4A Switch Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3952 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3952 Datasheet HTML 10Page - Linear Technology LT3952 Datasheet HTML 11Page - Linear Technology LT3952 Datasheet HTML 12Page - Linear Technology LT3952 Datasheet HTML 13Page - Linear Technology LT3952 Datasheet HTML 14Page - Linear Technology LT3952 Datasheet HTML 15Page - Linear Technology LT3952 Datasheet HTML 16Page - Linear Technology LT3952 Datasheet HTML 17Page - Linear Technology LT3952 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LT3952
14
3952fb
For more information www.linear.com/LT3952
OPERATION
The second auxiliary loop is the input current limit us-
ing the IVINN, IVINP, and IVINCOMP pins. Similar to the
output (LED) current loop, the input current is sensed
as the differential voltage across a sense resistor. As the
average IVINP/IVINN differential voltage exceeds 60mV,
IVINCOMP reaches its 1.2V threshold, and VC is reduced
in order to limit the input current to the 60mV threshold.
INTVCC Bypass Capacitor
INTVCC is the internal power supply for the IC, and sup-
plies the gate drive to the internal power switch. A bypass
capacitor is required from INTVCC to GND for stability
and filtering of the switching noise. For best results, use
a ceramic capacitor of 2.2µF or greater, and place the
capacitor as close to the IC as possible.
VREF Bypass Capacitor
VREF is the 2V reference output and can be bypassed with
100nFtoGND.Forbestresults,placethebypasscapacitor
close to the IC and away from the noisy switching nodes.
Programming the Turn-On/Turn-Off Thresholds
with the EN/UVLO Pin
The LT3952 provides an adjustable VINundervoltagelock-
out(UVLO)functionusingtheEN/UVLOpin.TheEN/UVLO
function provides a precision 1.23V falling threshold with
75mVinternalhysteresisaswellasa2Apull-downcurrent
in the off state to provide additional, user-programmable
hysteresis. This pin can also be driven with a logic level
greater than 1.5V or tied to VIN for always-on operation.
In order to program an external UVLO, tie the EN/UVLO
pin to a resistor divider between VIN and GND. The divider
ratio determines the baseline turn-off/turn-on thresholds
and the value of the upper resistor determines the ad-
ditional hysteresis.
VIN
EN/UVLO
R1
R2
LT3952
3952 F01
Figure 1
The most important (and precise) threshold is the turn-
off threshold from VIN falling. The following equations
determine the resistor values:
VUV(FALLING) =1.23• 1+
R1
R2
⎛
⎝⎜
⎞
⎠⎟
VUV(RISING) =1.305• 1+
R1
R2
⎛
⎝⎜
⎞
⎠⎟
+ 2µA •R1
For example, a 12V falling UVLO with roughly 10% total
hysteresis requires 185k for R1. The closest standard
value is 187k, therefore:
R1 = 187k
R2 = 21.5k
VUV(FALLING) = 11.93V
VUV(RISING) = 13.03V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com