Electronic Components Datasheet Search
  English  ▼

X  

LT3952 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3952
Description  60V LED Driver with 4A Switch Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3952 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3952 Datasheet HTML 20Page - Linear Technology LT3952 Datasheet HTML 21Page - Linear Technology LT3952 Datasheet HTML 22Page - Linear Technology LT3952 Datasheet HTML 23Page - Linear Technology LT3952 Datasheet HTML 24Page - Linear Technology LT3952 Datasheet HTML 25Page - Linear Technology LT3952 Datasheet HTML 26Page - Linear Technology LT3952 Datasheet HTML 27Page - Linear Technology LT3952 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LT3952
24
3952fb
For more information www.linear.com/LT3952
OPERATION
three-stating the SS pin. This is to avoid sinking quiescent
current in the case that an external resistor pull-up is
connected to SS.
When the device leaves shutdown mode, the NMOS pull-
downswitchisactivatedtoclearthevoltageatthesoft-start
capacitor. The device waits in this state until the voltage
at SS drops below 0.2V, and until start-up is enabled
as defined by PWM > 1.2V and CTRL > 100mV. If both
enable signals are already valid upon leaving shutdown
mode, the NMOS pull-down is activated for 10µs longer
than is required to pull the SS voltage below 0.2V. In all
cases, this action provides a start-up profile where the
initial voltage at SS can be considered approximately 0V.
In the event that the device is shut down by EN/UVLO
or the INTVCC voltage dropping below 2.68V, the SS pin
initially goes high impedance and then restarts the clear,
charge sequence as described.
Start-Up Mode: Once start-up is enabled by PWM and
CTRL both valid, the NMOS pull-down switch is disabled
and the 25A charging current is enabled. The voltage at
SS begins ramping in a linear manner until it reaches 0.2V,
at which point switching and the TG driver are enabled.
From 0.2V to 1.7V on SS, the frequency and the current
limit are increased linearly with SS voltage to provide
a smooth start-up profile with low inrush current. The
required soft-start capacitor for a desired start-up time
is computed from the 1.5V range of SS and the 25A
charge current.
CSS (nF) = 16.67 • tSS (ms)
For example, a soft-start time of roughly 0.5ms is gener-
ated with an 8.2nF capacitor.
Depending on output and load conditions the device may
enter regulation before SS reaches 1.7V, however it is
the combination of the 1.7V threshold and the sensing of
at least one-tenth of the output current defined by CTRL
that signifies the successful completion of soft-start. This
becomes important when start-up is enabled by a low duty
cycle PWM signal. The explanation is as follows:
A low duty cycle PWM signal could cause excessive
start-up times if it were allowed to interrupt the soft-
start sequence. Therefore, once start-up is initiated by
PWM > 1.2V and CTRL > 150mV, it temporarily ignores
a logical disable by either of those signals. The device
continues to soft-start with switching and TG enabled
until either the voltage at SS reaches the 1.7V level, or the
output current reaches one-tenth of the full-scale value. At
this point the device begins following the dimming control
as designated by PWM or CTRL. If at any time an output
overcurrent is detected, SW and TG will be disabled even
as SS continues to charge. This will be discussed in further
detail in the Fault Handling section.
PWM
2V/DIV
SS
2V/DIV
SW
20V/DIV
ILED
200mA/DIV
3952 F15
NORMAL
PWM CYCLE
OUTPUT READY:
LATCHED
STARTUP ENDS
LATCHED
STARTUP BEGINS
10ms/DIV
Figure 14. PWM Latched Startup
One note is when PWM dimming using CTRL, the output
current is commanded to zero during the low time of CTRL
even as the soft-start voltage rises.
FaultHandling:Althoughthefaulthandlingsequencemay
change based on the soft-start conditions, the switching
is disabled and the TG driver immediately pulls high upon
detection of an output overcurrent fault. This provides
safe output disconnect even in the case of a dead short
on the output.
When an overcurrent is detected and TG and SW are
disabled, SS is still required to charge to the 1.7V upper
threshold before it begins discharging back down using
the 2.5A current source. If SS is already at or above 1.7V,
it begins discharging immediately upon the disable of TG
and SW. If SS is still in the start-up phase when an output
overcurrent fault is detected, then SS continues charging
even as TG and SW are disabled. It charges to the 1.7V
level before reversing direction and discharging to the
0.2V level with the 2.5A current source. This provides
additional delay to allow the system to recover from the
overcurrent condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com