Electronic Components Datasheet Search
  English  ▼

X  

LT3952 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3952
Description  60V LED Driver with 4A Switch Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3952 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3952 Datasheet HTML 15Page - Linear Technology LT3952 Datasheet HTML 16Page - Linear Technology LT3952 Datasheet HTML 17Page - Linear Technology LT3952 Datasheet HTML 18Page - Linear Technology LT3952 Datasheet HTML 19Page - Linear Technology LT3952 Datasheet HTML 20Page - Linear Technology LT3952 Datasheet HTML 21Page - Linear Technology LT3952 Datasheet HTML 22Page - Linear Technology LT3952 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LT3952
19
3952fb
For more information www.linear.com/LT3952
Figure 9
IVINCOMP
IVINP IVINN
RIVIN
SENSED
CURRENT
LT3952
3952 F09
OPERATION
Input Current Limit
The LT3952 provides adjustable input current limiting
through the IVINP/IVINN/IVINCOMP amplifier. Connect
the IVINP and IVINN sensing terminals across a resistor
in series with the input. A 20x amplified version of the
IVINP–IVINN differential is generated at IVINCOMP. A
capacitor at IVINCOMP provides filtering and averaging
of the input ripple.
As the average IVINP–IVINN differential reaches 60mV,
the IVINCOMP voltage will reach its 1.2V regulation
threshold and the cycle-by-cycle switch current will be
reduced. In this manner, the input current is regulated
to 60mV differential between IVINP and IVINN.
RSENSE mΩ
()=
60mV
IIN LIM
() A
()
For example, a 2.4A input current limit is programmed
with a 25m sense resistor.
Be aware that input current on start-up and PWM dim-
ming is larger than steady state due to the output current
required to fill the output capacitor. It is recommended to
set the input limit appropriately to prevent interruption of
the regulated output.
Input Current Monitor
An input current monitor is available as the voltage on
IVINCOMP, which reflects a voltage equal to 20× the
IVINP-IVINN differential voltage and has a working range
of 0V to 1.2V as the IVINP-IVINN voltage varies from
0mV to 60mV.
IVINCOMP is a high impedance output and should not be
loaded. Averaging of current sense ripple, and compensa-
tion of the feedback loop is achieved using a 1µF capacitor
from IVINCOMP to GND.
Output Voltage Regulation/Limiting
The LT3952 provides a voltage-feedback error amplifier
through the FB pin to provide output voltage regulation
and limiting for open-LED protection.
Inthecaseofanopen-LEDstrand,thecurrentcommanded
by CTRL is never achieved and the device continues to
drivetheoutputvoltagehigher.Ifleftunchecked,thiscould
result in overvoltage damage to the external components
and the power switch itself, and therefore an output volt-
age limit is required.
By connecting FB to a resistor divider between VOUT and
GND, the maximum output voltage regulates at the 1.2V
threshold of the FB pin. The maximum output voltage is
computed as follows:
VOUT V
()=1.2• 1+
R4
R5
⎛
⎝⎜
⎞
⎠⎟
Figure 10
Figure 11
IVINP IVINN
RIVIN
CFLT
RFLT
LT3952
3952 F10
IVINCOMP
VOUT
FB
R4
R5
LT3952
3952 F11
In some cases, such as deep discontinuous conduction,
a large input ripple current may cause the input current
limit to activate early, cutting into the typical regulation
profile. In this situation, it is possible to filter the ripple
down to a smoother level using an external RC network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com