Electronic Components Datasheet Search
  English  ▼

X  

LT3952 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3952
Description  60V LED Driver with 4A Switch Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3952 Datasheet(HTML) 3 Page - Linear Technology

  LT3952 Datasheet HTML 1Page - Linear Technology LT3952 Datasheet HTML 2Page - Linear Technology LT3952 Datasheet HTML 3Page - Linear Technology LT3952 Datasheet HTML 4Page - Linear Technology LT3952 Datasheet HTML 5Page - Linear Technology LT3952 Datasheet HTML 6Page - Linear Technology LT3952 Datasheet HTML 7Page - Linear Technology LT3952 Datasheet HTML 8Page - Linear Technology LT3952 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LT3952
3
3952fb
For more information www.linear.com/LT3952
ELECTRICAL CHARACTERISTICS
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = IVINP = IVINN = 12V, ISP = ISN = 24V, EN/UVLO = PWM = 3V, CTRL = 2V, OVLO = 0V unless otherwise noted
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
3
V
Supply Current
FB = 1.3V, RT = 40.2k, CTRL = 0V
EN/UVLO = 0V, CTRL = 0V
EN/UVLO = 1.15V, CTRL = 0V
1.5
0
35
2.2
1
60
mA
µA
µA
Internal Regulator
INTVCC Output Voltage
CTRL = 0V
2.90
3.00
3.10
V
INTVCC Dropout Voltage
VIN = 3V, CTRL = 0V
150
mV
INTVCC Undervoltage Lockout
INTVCC Rising, CTRL = 0V
2.62
2.68
2.74
V
INTVCC UVLO Hysteresis
CTRL = 0V
200
mV
Reference Voltage Output
VREF Voltage
IVREF = –100A , CTRL = 0V
l
1.955
2.000
2.045
V
VREF Line Regulation
3V < VIN < 42V , CTRL = 0V
0.01
%/V
VREF Load Regulation
0µA < IVREF < –100µA , CTRL = 0V
0.6
%
Current Feedback
CTRL Range for Current Sense Threshold Adjustment
0.2
1.2
V
CTRL PWM Shutdown Threshold
CTRL Falling
100
125
mV
CTRL PWM Threshold Hysteresis
12.5
mV
CTRL Zero-Scale Offset
200
mV
CTRL Input Bias Current
CTRL = 0V, Current Out of Pin
20
100
nA
Current Sense Common Mode Input Range
CTRL = 1.5V
0
60
V
Full-Scale Current Sense Accuracy (VISP-VISN)
ISP = 60V, CTRL = 1.5V
l
245
250
255
mV
Midrange Current Sense Accuracy (VISP-VISN)
ISP = 60V, CTRL = 0.7V
115
125
135
mV
1/10th Scale Current Sense Accuracy (VISP-VISN)
ISP = 60V, CTRL = 0.3V
10
25
40
mV
Low Side Current Sense Accuracy (VISP-VISN)
ISP = 0V, CTRL = 1.5V
l
240
250
260
mV
Overcurrent Sense Threshold
l
350
375
390
mV
ISP to VC Transconductance
CTRL = 1.5V
275
µS
ISP/ISN Input Bias Current
PWM = 5V (Active), ISP = 60V
PWM = 0V (Standby), ISP = 60V
250
0
0.1
µA
µA
Current Sense Monitor Ratio (VISMON)/(VISP-VISN)
CTRL = 0.4V, 0.8V
4
V/V
Current Sense Monitor Accuracy (VISMON)
CTRL = 1.5V , ISP = 60V
0.950
1.000
1.050
V
Input Current Sense Amplifier
Amplifier Supply Current (From IVINP)
IVINP = IVINN = 42V
35
60
µA
IVIN Regulation Threshold (VIVINP-IVINN)
l
55
60
65
mV
IVINCOMP to VC Transconductance
1650
µS
Input Common Mode Minimum Voltage
3
V
IVINP/IVINN to Monitor Voltage Gain
VIVINP-IVINN = 30mV
20
V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com