Electronic Components Datasheet Search
  English  ▼

X  

LT3952 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3952
Description  60V LED Driver with 4A Switch Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3952 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3952 Datasheet HTML 18Page - Linear Technology LT3952 Datasheet HTML 19Page - Linear Technology LT3952 Datasheet HTML 20Page - Linear Technology LT3952 Datasheet HTML 21Page - Linear Technology LT3952 Datasheet HTML 22Page - Linear Technology LT3952 Datasheet HTML 23Page - Linear Technology LT3952 Datasheet HTML 24Page - Linear Technology LT3952 Datasheet HTML 25Page - Linear Technology LT3952 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LT3952
22
3952fb
For more information www.linear.com/LT3952
OPERATION
The pseudorandom value is updated proportionally to
the oscillator frequency, using a rate of fSW/32. This rate
allows multiple passes of the entire group of frequencies
during standard EMI test dwell times.
The maximum steady-state inductor current, IL(MAX),
should be less than 3A to allow for current ripple and
transient response. The desired inductance is determined
based on the steady-state current ripple. A typical rule of
thumb is to set the inductor current ripple to a maximum
of 25% of the switch current limit.
Boost:
LBOOST ≥
VIN(MIN) VLED(MAX) –VIN(MIN)
(
)
VLED(MAX) •1A • fSW
Buck:
LBUCK ≥
VLED(MAX) VIN(MIN) –VLED(MAX)
(
)
VIN(MIN) •1A • fSW
Buck-Boost:
LBB ≥
VIN(MIN) •VLED(MAX)
VLED(MAX) + VIN(MIN)
⎛
⎝
⎜
⎞
⎠
⎟
fSW •1A
Table 2 provides some recommended inductor vendors.
Table 2. Inductor Manufacturers
VENDOR
WEB
Wurth Elektronik
www.we-online.com
Coilcraft
www.coilcraft.com
Cooper
www.cooperet.com
Figure 13. Average Conducted EMI – 1MHz
3952 F14
SSFM OFF
SSFM ON
90
80
70
60
50
40
30
20
10
START 700kHz
RES BW 9kHz
END 1.7MHz
DWELL TIME 10ms
(250 Hz)
0
VBW 90kHz
Inductor Selection
Inductor selection consists of two parameters: saturation
current rating and inductance value. A higher switching
frequency allows the use of a smaller inductance value at
the expense of increased switching loss.
The saturation current rating of the inductor is selected
appropriately for the 4A current limit of the device.
Anapproximationformaximuminductorcurrent(efficiency
= 100%) is based on the maximum LED current and the
input/output ratio:
IL(MAX) A
()=
VLED(MAX)
VIN(MIN)
⎛
⎝
⎜
⎞
⎠
⎟ •ILED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com