Electronic Components Datasheet Search
  English  ▼

X  

LTC3124 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3124
Description  15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3124 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3124 Datasheet HTML 3Page - Linear Technology LTC3124 Datasheet HTML 4Page - Linear Technology LTC3124 Datasheet HTML 5Page - Linear Technology LTC3124 Datasheet HTML 6Page - Linear Technology LTC3124 Datasheet HTML 7Page - Linear Technology LTC3124 Datasheet HTML 8Page - Linear Technology LTC3124 Datasheet HTML 9Page - Linear Technology LTC3124 Datasheet HTML 10Page - Linear Technology LTC3124 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC3124
7
3124f
For more information www.linear.com/LTC3124
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage Ripple at 1.5A
Load with Two 10µF Ceramic
Capacitors
SWA and SWB at 1MHz/Phase
SW Pins while Synchronizing
to 1.2MHz
Short-Circuit Response
PIN FUNCTIONS
SWB, SWA (Pin 1, Pin 3): Phase B and Phase A Switch
Pins. Connect inductors from these pins to the input sup-
ply. Keep PCB trace lengths as short and wide as possible
to reduce EMI and voltage overshoot. When VOUT ≥ VIN +
2V, internal anti-ringing resistors are connected between
VIN and both SWA and SWB after their respective induc-
tor currents have dropped to near zero, to minimize EMI.
Theseanti-ringingresistorsarealsoactivatedinshutdown
and during the sleep periods of Burst Mode operation.
PGNDB, PGNDA, PGND (Pin 2, Pin 4, Exposed Pad
Pin 17):PowerGround.WhenlayingoutyourPCB,provide
a short, direct path between PGND and the output capaci-
tors and tie directly to the ground plane.
The exposed pad
is ground and must be soldered to the PCB ground plane
for rated thermal and electrical performance.
VIN (Pin 5): Input Supply Pin. The device is powered from
VIN if VIN is initially greater than approximately 3.5V, with
VINcontinuingtosupplythedevicedowntoapproximately
3V; otherwise the greater of VIN and VOUT supplies the
Configured as front page application at TA = 25°C, unless otherwise specified.
VOUT
5V/DIV
INDUCTOR B
CURRENT
2A/DIV
INDUCTOR A
CURRENT
2A/DIV
100µs/DIV
ILOAD = 500mA
3124 G28
SHORT-CIRCUIT
APPLIED
SHORT-CIRCUIT
REMOVED
VSWA
5V/DIV
VSWB
5V/DIV
500ns/DIV
ILOAD = 1500mA
3124 G29
INDUCTOR B
CURRENT
500mA/DIV
INDUCTOR A
CURRENT
500mA/DIV
VOUT
20mV/DIV
AC-COUPLED
500ns/DIV
3124 G31
VSWA
5V/DIV
VSWB
5V/DIV
500ns/DIV
ILOAD = 1500mA
3124 G30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com