Electronic Components Datasheet Search
  English  ▼

X  

LTC3124 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3124
Description  15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3124 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3124 Datasheet HTML 5Page - Linear Technology LTC3124 Datasheet HTML 6Page - Linear Technology LTC3124 Datasheet HTML 7Page - Linear Technology LTC3124 Datasheet HTML 8Page - Linear Technology LTC3124 Datasheet HTML 9Page - Linear Technology LTC3124 Datasheet HTML 10Page - Linear Technology LTC3124 Datasheet HTML 11Page - Linear Technology LTC3124 Datasheet HTML 12Page - Linear Technology LTC3124 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC3124
9
3124f
For more information www.linear.com/LTC3124
BLOCK DIAGRAM
PWM
LOGIC
AND
DRIVERS
PWM
COMP
CURRENT
SENSE
IZERO
COMP
+
–
+
+
3.5A
SWB
ANTI-
RING
VIN
EN
16.5V
OVLO
STOP SWITCHING
VOUTB
CCAP
100nF
CAP
SD
IPEAK
COMP
ADAPTIVE SLOPE COMP
VOUT – 5.4V RAIL
SHUT
DOWN
BULK
CONTROL
SIGNALS
11
16
NC 14
15
1
SWA
3
VC
RT
RC
CC
CF
9
8
PGNDB
PWM/SYNC
6
VCC
EXPOSED
PAD
3124 BD
7
VIN
5
PWM
LOGIC
AND
DRIVERS
Burst
Mode
CONTROL
4.25V
LDO
SOFT-
START
gm ERROR
AMPLIFIER
PWM
COMP
CURRENT
SENSE
IZERO
COMP
BURST
SLEEP
+
–
+
+
3.5A
VIN
VREFUP
VCC
VIN
TSD
VOUTA
IPEAK
COMP
ADAPTIVE SLOPE COMP
REFERENCE
1.2V
THERMAL SD
OSCILLATOR
BULK
CONTROL
SIGNALS
13
FB
10
ANTI-
RING
LA
CIN
VIN
1.8V TO 5.5V
LB
RT
R2
R1
2
SGND
12
PGNDA
4
17
CVCC
+
COUT
VOUT
2.5V TO 15V
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com