Electronic Components Datasheet Search
  English  ▼

X  

LTC3124 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3124
Description  15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3124 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3124 Datasheet HTML 12Page - Linear Technology LTC3124 Datasheet HTML 13Page - Linear Technology LTC3124 Datasheet HTML 14Page - Linear Technology LTC3124 Datasheet HTML 15Page - Linear Technology LTC3124 Datasheet HTML 16Page - Linear Technology LTC3124 Datasheet HTML 17Page - Linear Technology LTC3124 Datasheet HTML 18Page - Linear Technology LTC3124 Datasheet HTML 19Page - Linear Technology LTC3124 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC3124
16
3124f
For more information www.linear.com/LTC3124
APPLICATIONS INFORMATION
SCHOTTKY DIODE
Although it is not required, adding a Schottky diode from
both SW pins to VOUTcanimprovetheconverterefficiency
by up to 4%. Note that this defeats the output disconnect
and short-circuit protection features of the LTC3124.
COMPONENT SELECTION
Inductor Selection
The LTC3124 can utilize small inductors due to its capa-
bility of setting a fast (up to 3MHz) switching frequency.
Larger values of inductance will allow slightly greater
output current capability by reducing the inductor ripple
current. To design a stable converter the range of induc-
tance values is bounded by the targeted magnitude of the
internal slope compensation and is inversely proportional
to the switching frequency. The Inductor selection for the
LTC3124 has the following bounds:
10
f
µH
>L >
3
f
µH
The inductor peak-to-peak ripple current is given by the
following equation:
Ripple A
( )=
VIN • VOUT – VIN
(
)
f •L • VOUT
where:
L = Inductor Value in μH
f = Switching Frequency in MHz of One Phase
The inductor ripple current is a maximum at the minimum
inductor value. Substituting 3/f for the inductor value in
the above equation yields the following:
RippleMAX A
( )=
VIN • VOUT – VIN
(
)
3• VOUT
A reasonable operating range for the inductor ripple cur-
rent is typically 10% to 40% of the maximum inductor
current. High frequency ferrite core inductor materials
reduce frequency dependent power losses compared to
cheaper powdered iron types, improving efficiency. The
inductor should have low DCR (series resistance of the
windings) to reduce the I2R power losses, and must be
able to support the peak inductor current without saturat-
ing. Molded chokes and most chip inductors usually do
not have enough core area to support the peak inductor
currents of 3A to 4A seen on the LTC3124. To minimize
radiated noise, use a shielded inductor.
See Table 2 for suggested components and suppliers.
Table 2. Recommended Inductors
PART NUMBER
VALUE
(µH)
DCR
(mΩ)
ISAT
(A)
SIZE (mm)
W
× L × H
Coilcraft XFL4020-102ME
1
12
5.4
4.3
× 4.3 × 2.1
Coilcraft MSS7341T-332NL
3.3
18
3.7
7.3
× 7.3 × 4.1
Coilcraft XAL5030-332ME
3.3
23
8.7
5.3
× 5.3 × 3.1
Coilcraft XAL5030-472ME
4.7
36
6.7
5.3
× 5.3 × 3.1
Coilcraft XAL5050-562ME
5.6
26
6.3
5.3
× 5.3 × 5.1
Coilcraft XAL6060-223ME
22
61
5.6
6.3
× 6.3 × 6.1
Coilcraft MSS1260T-333ML
33
57
4.34 12.3 × 12.3 × 6.2
Coiltronics SD53-1R1-R
1.1
20
4.8
5.2
× 5.2 × 3
Coiltronics DR74-4R7-R
4.7
25
4.37 7.6 × 7.6 × 4.35
Coiltronics DR125-330-R
33
51
3.84
12.5
× 12.5 × 6
Coiltronics DR127-470-R
47
72
5.28
12.5
× 12.5 × 8
Sumida CDR7D28MNNP-1R2NC
1.2
21
5.9
7.6
× 7.6 × 3
Sumida CDMC6D28NP-3R3MC
3.3
31
5
7.25
× 6.7 × 3
Taiyo-Yuden NR5040T3R3N
3.3
35
3.8
5
× 5 × 4
TDK LTF5022T-1R2N4R2-LC
1.2
25
4.3
5
× 5.2 × 2.2
TDK SPM6530T-3R3M
3.3
30
6.8
7.1
× 6.5 × 3
TDK VLP8040T-4R7M
4.7
25
4.4
8
× 7.7 × 4
Würth WE-LHMI 74437324010
1
27
9
4.45
× 4.06 × 1.8
Würth WE-PD 7447789002
2.2
20
4.8
7.3
× 7.3 × 3.2
Würth WE-PD 7447779002
Würth WE-PD 7447789003
2.2
3.3
20
30
6
4.2
7.3
× 7.3 × 4.5
7.3
× 7.3 × 3.2
Würth WE-PD 7447789004
4.7
35
3.9
7.3
× 7.3 × 3.2
Würth WE-HCI 7443251000
10
16
8.5
10
× 10 × 5
Würth WE-PD 744770122
22
43
5
12
× 12 × 8
Würth WE-PD 744770133
33
64
3.6
12
× 12 × 8
Würth WE-PD 7447709470
47
60
4.5
12
× 12 × 10
Output and Input Capacitor Selection
Low ESR (equivalent series resistance) capacitors should
be used to minimize the output voltage ripple. Multilayer
ceramic capacitors are an excellent choice as they have
extremely low ESR and are available in small footprints.
X5R and X7R dielectric materials are preferred for their
ability to maintain capacitance over wide voltage and tem-
perature ranges. Y5V types should not be used. Although
ceramic capacitors are recommended, low ESR tantalum
capacitors may be used as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com