Electronic Components Datasheet Search
  English  ▼

X  

LTC3124 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3124
Description  15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3124 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3124 Datasheet HTML 4Page - Linear Technology LTC3124 Datasheet HTML 5Page - Linear Technology LTC3124 Datasheet HTML 6Page - Linear Technology LTC3124 Datasheet HTML 7Page - Linear Technology LTC3124 Datasheet HTML 8Page - Linear Technology LTC3124 Datasheet HTML 9Page - Linear Technology LTC3124 Datasheet HTML 10Page - Linear Technology LTC3124 Datasheet HTML 11Page - Linear Technology LTC3124 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC3124
8
3124f
For more information www.linear.com/LTC3124
PIN FUNCTIONS
device. Place a low ESR ceramic bypass capacitor of at
least 10µF from VIN to PGND. X5R and X7R dielectrics
are preferred for their superior voltage and temperature
characteristics.
PWM/SYNC (Pin 6): Burst Mode Operation Select and
Oscillator Synchronization.
Do not leave this pin floating.
• PWM/SYNC = High. Disable Burst Mode operation and
maintain low noise, constant frequency operation.
• PWM/SYNC = Low. The converter operates in Burst
Mode, independent of load current.
• PWM/SYNC = External CLK. The internal oscillator is
synchronized to the external CLK signal. Burst Mode
operation is disabled. A clock pulse width of 100ns
minimum is required to synchronize the oscillator.
An external resistor MUST BE connected between RT
and SGND to program the oscillator slightly below the
desired synchronization frequency.
In non-synchronized applications, repeated clocking of
the PWM/SYNC pin to affect an operating mode change
is supported with these restrictions:
• Boost Mode (VOUT > VIN): IOUT < 3mA: fPWM/SYNC ≤
10Hz, IOUT ≥ 3mA: fPWM/SYNC ≤ 5kHz.
• Buck Mode (VOUT < VIN): IOUT < 5mA: fPWM/SYNC ≤
2.5Hz, IOUT ≥ 5mA: fPWM/SYNC ≤ 5kHz.
VCC (Pin 7): VCC Regulator Output. Connect a low ESR
filter capacitor of at least 4.7µF from this pin to SGND to
provide a regulated rail approximately equal to the lower of
VIN and 4.25V. When VOUT is higher than VIN, and VIN falls
below 3V, VCC will regulate to the lower of approximately
VOUT and 4.25V. A UVLO event occurs if VCC drops below
1.5V, typical. Switching is inhibited, and a soft-start is
initiated when VCC returns above 1.6V, typical.
RT (Pin 8): Frequency Adjust Pin. Connect to SGND
through an external resistor (RT) to program the oscillator
frequency according to the formula:
fOSC ≅
56
RT
fSWITCH =
fOSC
2
≅
28
RT
where fOSC is in MHz and RT is in kΩ.
VC (Pin 9): Error Amplifier Output. A frequency com-
pensation network is connected from this pin to SGND
to compensate the control loop. See Compensating the
Feedback Loop section for guidelines.
FB (Pin 10): Feedback Input to the Error Amplifier. Con-
nect the resistor divider tap to this pin. Connect the top
of the divider to VOUT and the bottom of the divider to
SGND. The output voltage can be adjusted from 2.5V to
15V according to the formula:
VOUT =1.2V • 1+
R1
R2


SD(Pin11):LogicControlledShutdownInput.Pullingthis
pin above 1.6V enables normal, free-running operation.
Forcing this pin below 0.25V shuts the LTC3124 off, with
quiescentcurrentbelow1µA.
Donotleavethispinfloating.
SGND (Pin 12): Signal Ground. When laying out your PC
board, provide a short, direct path between SGND and the
groundreferencedsidesofalltheappropriatecomponents
connecting to pins RT, VC, and FB.
VOUTA,VOUTB(Pin13,Pin15):OutputVoltageSensesand
theSourceoftheInternalSynchronousRectifierMOSFETs.
Driver bias is derived from VOUT. Connect the output filter
capacitor from VOUT to PGND, close to the IC. A minimum
value of 10µF ceramic per phase is recommended. VOUT is
disconnected from VIN when SD is low. VOUTA and VOUTB
must be tied together.
NC(Pin14):NoConnect.Notconnectedinternally.Connect
this pin to VOUTA/VOUTB to provide a wider VOUT copper
plane on the printed circuit board.
CAP (Pin 16): Serves as the Low Reference for the Syn-
chronous Rectifiers Gate Drives. Connect a low ESR filter
capacitor (typically 100nF) from this pin to VOUTtoprovide
an elevated ground rail, approximately 5.4V below VOUT,
used to drive the synchronous rectifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com