Electronic Components Datasheet Search
  English  ▼

X  

LTC3124 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3124
Description  15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3124 Datasheet(HTML) 3 Page - Linear Technology

  LTC3124 Datasheet HTML 1Page - Linear Technology LTC3124 Datasheet HTML 2Page - Linear Technology LTC3124 Datasheet HTML 3Page - Linear Technology LTC3124 Datasheet HTML 4Page - Linear Technology LTC3124 Datasheet HTML 5Page - Linear Technology LTC3124 Datasheet HTML 6Page - Linear Technology LTC3124 Datasheet HTML 7Page - Linear Technology LTC3124 Datasheet HTML 8Page - Linear Technology LTC3124 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC3124
3
3124f
For more information www.linear.com/LTC3124
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Voltage transients on the SW pin beyond the DC limit specified in
the Absolute Maximum Ratings are non-disruptive to normal operations
when using good layout practices, as shown on the demo board or
described in the data sheet or application notes.
Note 3: The LTC3124 is tested under pulsed load conditions such that
TA ≈ TJ. The LTC3124E is guaranteed to meet performance specifications
from 0°C to 85°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3124I is guaranteed to meet specifications over the –40°C to 125°C
operating junction temperature range. The LTC3124H is guaranteed to
meet specifications over the full –40°C to 150°C operating junction range.
High junction temperatures degrade operating lifetimes; operating lifetime
is derated for junction temperatures greater than 125°C.
Note that the maximum ambient temperature consistent with these
specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal impedance
and other environmental factors. The junction temperature (TJ in °C) is
calculated from the ambient temperature (TA in °C) and power dissipation
(PD in Watts) according to the formula:
TJ = TA + (PD • θJA)
where
θJA is the thermal impedance of the package.
Note 4: The LTC3124 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 150°C when overtemperature shutdown is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
Note 5: Failure to solder the exposed backside of the package to the PC
board ground plane will result in a thermal impedance much higher than
the rated package specifications.
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 3). VIN = 3.6V, VOUTA = VOUTB = 12V, RT = 28k unless
otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Start-Up Voltage
VOUT = 0V
l
1.6
1.8
V
Input Voltage Range
VOUT ≥ 2.5V
l
0.5
5.5
V
Output Voltage Adjust Range
l
2.5
15
V
Feedback Voltage
l
1.176
1.200
1.224
V
Feedback Input Current
FB = 1.4V
1
50
nA
Quiescent Current, Shutdown
SD = 0V, VOUT = 0V, Not Including Switch Leakage
0.2
1
µA
Quiescent Current, Active
FB = 1.4V, Measured on VIN, Non-Switching
600
840
µA
Quiescent Current, Burst
Measured on VIN, FB = 1.4V
Measured on VOUT, FB = 1.4V
25
10
40
20
µA
µA
N-Channel MOSFET Switch Leakage Current
SW = 15V, VOUT = 15V, Per Phase
l
0.1
40
µA
P-Channel MOSFET Switch Leakage Current
SW = 0V, VOUT = 15V, SD = 0V, Per Phase
l
0.1
70
µA
N-Channel MOSFET Switch On-Resistance
Per Phase
0.130
Ω
P-Channel MOSFET Switch On-Resistance
Per Phase
0.200
Ω
N-Channel MOSFET Peak Current Limit
Per Phase
l
2.5
3.5
4.5
A
Maximum Duty Cycle
FB = 1.0V
l
90
94
%
Minimum Duty Cycle
FB = 1.4V
l
0
%
Switching Frequency
Per Phase
l
0.83
1
1.17
MHz
SYNC Frequency Range
l
0.2
6.0
MHz
PWM/SYNC Input High Voltage
l
0.9 • VCC
V
PWM/SYNC Input Low Voltage
l
0.1 • VCC
V
PWM/SYNC Input Current
VPWM/SYNC = 5.5V
0.01
1
µA
CAP Clamp Voltage
VOUT > 6.2V, Referenced to VOUT
–5.0
–5.4
–5.8
V
VCC Regulation Voltage
VIN < 2.8V, VOUT > 5V
3.9
4.25
4.6
V
Error Amplifier Transconductance
l
60
100
130
µS
Error Amplifier Sink Current
FB = 1.6V, VC = 1.15V
25
µA
Error Amplifier Source Current
FB = 800mV, VC = 1.15V
–25
µA
Soft-Start Time
10
ms
SD Input High Voltage
l
1.6
V
SD Input Low Voltage
l
0.25
V
SD Input Current
SD = 5.5V
1
2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com