Electronic Components Datasheet Search
  English  ▼

X  

LTC3124 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3124
Description  15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3124 Datasheet(HTML) 5 Page - Linear Technology

  LTC3124 Datasheet HTML 1Page - Linear Technology LTC3124 Datasheet HTML 2Page - Linear Technology LTC3124 Datasheet HTML 3Page - Linear Technology LTC3124 Datasheet HTML 4Page - Linear Technology LTC3124 Datasheet HTML 5Page - Linear Technology LTC3124 Datasheet HTML 6Page - Linear Technology LTC3124 Datasheet HTML 7Page - Linear Technology LTC3124 Datasheet HTML 8Page - Linear Technology LTC3124 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC3124
5
3124f
For more information www.linear.com/LTC3124
TYPICAL PERFORMANCE CHARACTERISTICS
Burst Mode Output Current vs VIN
Burst Mode No-Load Input
Current vs VIN
Burst Mode Quiescent Current
Change vs Temperature
SD Pin Threshold
PWM Mode Maximum Output
Current vs VIN
Peak Current Limit Change
vs Temperature
PWM Operation No-Load Input
Current vs VIN
VIN (V)
1
2.4
3.2
4.0
5
3124 G10
1.6
0.8
2.0
2.8
3.6
1.2
0.4
0
2
3
4
1.5
0.5
2.5
3.5
4.5
5.5
VOUT = 5V
VOUT = 7.5V
VOUT = 12V
VOUT = 15V
TEMPERATURE (°C)
–50
2
1
0
–1
–2
–3
–4
70
110
–10
3124 G11
30
150
VIN (V)
1
120
160
200
5
3124 G12
80
40
100
140
180
60
20
0
2
3
4
1.5
0.5
2.5
3.5
4.5
5.5
VOUT = 15V
VOUT = 12V
VOUT = 7.5V
VOUT = 5V
VOUT = 2.5V
VIN, FALLING (V)
1
300
400
5
3124 G13
200
100
250
350
150
50
0
2
3
4
1.5
0.5
2.5
3.5
4.5
5.5
VOUT = 2.5V
VOUT = 5V
VOUT = 7.5V
VOUT = 12V
VOUT = 15V
VIN, FALLING (V)
0.5 1 1.5 2
100
1000
10000
2.5 3 3.5 4 4.5 5 5.5
3124 G14
10
VOUT = 15V
VOUT = 12V
VOUT = 7.5V
VOUT = 5V
VOUT = 2.5V
1s/DIV
3124 G16
VOUT
5V/DIV
VSD
500mV/DIV
900mV
400mV
RT vs Frequency
Configured as front page application at TA = 25°C, unless otherwise specified.
FREQUENCY (kHz)
100
10
10
100
1000
3000
3124 G17
TEMPERATURE (°C)
–50
75
60
45
30
15
0
–15
70
110
–10
3124 G15
30
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com