Electronic Components Datasheet Search
  English  ▼

X  

LTC3124 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3124
Description  15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3124 Datasheet(HTML) 1 Page - Linear Technology

  LTC3124 Datasheet HTML 1Page - Linear Technology LTC3124 Datasheet HTML 2Page - Linear Technology LTC3124 Datasheet HTML 3Page - Linear Technology LTC3124 Datasheet HTML 4Page - Linear Technology LTC3124 Datasheet HTML 5Page - Linear Technology LTC3124 Datasheet HTML 6Page - Linear Technology LTC3124 Datasheet HTML 7Page - Linear Technology LTC3124 Datasheet HTML 8Page - Linear Technology LTC3124 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC3124
1
3124f
For more information www.linear.com/LTC3124
TYPICAL APPLICATION
FEATURES
DESCRIPTION
15V, 5A 2-Phase Synchronous
Step-Up DC/DC Converter with
Output Disconnect
The LTC®3124 is a dual-phase, synchronous step-up DC/
DC converter with true output disconnect and inrush
current limiting capable of providing output voltages up
to 15V. Dual-phase operation significantly reduces peak
inductor and capacitor ripple currents, minimizing induc-
tor and capacitor size. The 2.5A per phase current limit,
along with the ability to program output voltages up to 15V
make the LTC3124 well suited for a variety of demanding
applications. Once started, operation will continue with
inputs down to 500mV.
The LTC3124 switching frequency can be programmed
from 100kHz to 3MHz to optimize applications for highest
efficiency or smallest solution footprint. The oscillator can
be synchronized to an external clock for noise sensitive
applications. Selectable Burst Mode operation reduces
quiescent current to 25µA, ensuring high efficiency across
the entire load range. An internal soft-start limits inrush
current during start-up.
Otherfeaturesincludea<1µAshutdowncurrentandrobust
protectionundershort-circuit,thermaloverload,andoutput
overvoltage conditions. The LTC3124 is offered in both
16-lead DFN and thermally-enhanced TSSOP packages.
5V to 12V Synchronous Boost Converter
Efficiency Curve
APPLICATIONS
n
VIN Range: 1.8V to 5.5V, 500mV After Start-Up
n
Adjustable Output Voltage: 2.5V to 15V
n
1.5A Output Current for VIN = 5V and VOUT = 12V
n
Dual-Phase Control Reduces Output Voltage Ripple
n
Output Disconnects from Input When Shut Down
n
Synchronous Rectification: Up to 95% Efficiency
n
Inrush Current Limit
n
Up to 3MHz Programmable Switching Frequency
Synchronizable to External Clock
n
Selectable Burst Mode® Operation: 25µA IQ
n
Output Overvoltage Protection
n
Internal Soft-Start
n
<1µA IQ in Shutdown
n
16-Lead, Thermally- Enhanced 3mm
× 5mm ×
0.75mm DFN and TSSOP Packages
n
RF, Microwave Power Amplifiers
n
Piezo Actuators
n
Small DC Motors, Thermal Printers
n
12V Analog Rail from Battery, 5V, or Backup Capacitor
L
, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
and ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
100nF
VOUT
12V
1.5A
22µF
×2
4.7µH
4.7µH
VIN
5V
SWB
CAP
PGNDB
VOUTB
SWA
LTC3124
680pF
56pF
3124 TA01a
4.7µF
10µF
1.02M
113k
84.5k
28k
OFF ON
VIN
SGND
PWM/SYNC
SD
VCC
FB
RT
VC
PGNDA
VOUTA
BURST PWM
100
10
90
70
50
30
80
60
40
20
0
10
1
0.1
0.01
0.001
0.0001
LOAD CURRENT (mA)
3124 TA01b
0.01
1000
100
PWM
PWM
10
0.1
1
Burst Mode
OPERATION
Burst Mode
OPERATION
EFFICIENCY
POWER LOSS
fSW = 1MHz


Similar Part No. - LTC3124

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC3124 AD-LTC3124 Datasheet
2Mb / 36P
26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
LTC3124 AD-LTC3124 Datasheet
808Kb / 29P
8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
Rev B
logo
Linear Technology
LTC3124 LINER-LTC3124_15 Datasheet
650Kb / 28P
15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
More results

Similar Description - LTC3124

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3458 LINER-LTC3458 Datasheet
339Kb / 16P
1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L Datasheet
389Kb / 16P
1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525L-3 LINER-LTC3525L-3_15 Datasheet
508Kb / 12P
400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3.3 LINER-LTC3525-3.3_15 Datasheet
538Kb / 16P
400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-5 LINER-LTC3525-5_15 Datasheet
538Kb / 16P
400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458 LINER-LTC3458_15 Datasheet
318Kb / 16P
1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3122 LINER-LTC3122_15 Datasheet
505Kb / 26P
15V, 2.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3124 LINER-LTC3124_15 Datasheet
650Kb / 28P
15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3121 LINER-LTC3121 Datasheet
955Kb / 26P
15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3122 LINER-LTC3122 Datasheet
505Kb / 26P
15V, 2.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com