Electronic Components Datasheet Search
  English  ▼

X  

LTC4013 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4013
Description  60V Synchronous Buck Multi-Chemistry Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4013 Datasheet(HTML) 1 Page - Linear Technology

  LTC4013 Datasheet HTML 1Page - Linear Technology LTC4013 Datasheet HTML 2Page - Linear Technology LTC4013 Datasheet HTML 3Page - Linear Technology LTC4013 Datasheet HTML 4Page - Linear Technology LTC4013 Datasheet HTML 5Page - Linear Technology LTC4013 Datasheet HTML 6Page - Linear Technology LTC4013 Datasheet HTML 7Page - Linear Technology LTC4013 Datasheet HTML 8Page - Linear Technology LTC4013 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LTC4013
1
4013fa
TYPICAL APPLICATION
FEATURES
DESCRIPTION
60V Synchronous Buck
Multi-Chemistry Battery Charger
The LTC®4013 is a high voltage battery charger that is well
suited for charging a wide range of lead-acid batteries
including both vented and sealed types. It supports bulk,
float, absorption and equalization charging. The LTC4013
also supports termination options for Li-Ion/Polymer and
LiFePO4 batteries.
Charging is performed with a high efficiency synchronous
buck (step-down) converter that uses external N-channel
MOSFETs. Switching frequency is resistor programmable
orcanbesynchronizedtoanexternalclock. Chargecurrent
is programmed with an external sense resistor.
TheLTC4013alsoincludesmaximumpowerpointtracking
input-voltageregulationforlimitedpowersourcessuchas
solar panels. Other features include user-programmable
absorption and equalization times, temperature-compen-
sated charge voltage and an external N-channel MOSFET
isolation control circuit.
15V-34V to 6 Cell Lead-Acid (12.6V) 5A Step-Down Battery Charger
Efficiency and Power Loss vs Charge Current
APPLICATIONS
n
Wide Input Voltage Range: 4.5V to 60V
n
Wide Battery Voltage Range: 2.4V to 60V
n
Built-In Charge Algorithms for Lead-Acid and Li-Ion
n
±0.5% Float Voltage Accuracy
n
±5% Charge Current Accuracy
n
Maximum Power Point Tracking Input Control
n
NTC Temperature Compensated Float Voltage
n
Two Open Drain Status Pins
n
Thermally Enhanced 28-Lead 4mm × 5mm QFN
Package
n
Battery Backup for Lighting, UPS Systems, Security
Cameras, Computer Control Panels
n
Portable Medical Equipment
n
Solar-Powered Systems
n
Industrial Battery Charging
All registered trademarks and trademarks are the property of their respective owners. All other
trademarks are the property of their respective owners. Protected by U.S. Patents, including
9246383.
INTVCC
INTVCC
15V-34V
DCIN
ENAB
INTVCC
SYNC
SGND
SENSE
BAT
ITH
RT
PGND
FB
TG
SW
BST
BG
VIN
FBOC
MPPT
INFET
LB
NTC
MODE1
MODE2
VIN_S
TMR
LTC4013
RNTC
4013 TA01
VIN = 24V
VBAT = 13.8V
EFFICIENCY
POWER LOSS
CHARGE CURRENT (A)
BASED ON APPLICATION ON BACK PAGE
0
1
2
3
4
5
87
88
89
90
91
92
93
94
95
96
97
0
0.5
1.0
1.5
2.0
2.5
4013 TA01a


Similar Part No. - LTC4013

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4013EUFD LINER-LTC4013EUFD Datasheet
875Kb / 14P
60V Synchronous Buck Multi-Chemistry Battery Charger
More results

Similar Description - LTC4013

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
Host-controlled Multi-chemistry Battery Charger
logo
Linear Technology
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
High Efficiency, Multi-Chemistry Battery Charger
LTC4020 LINER-LTC4020_15 Datasheet
358Kb / 42P
55V Buck-Boost Multi-Chemistry Battery Charger
logo
Texas Instruments
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
Host-Controlled Multi-Chemistry Battery Charger
logo
Linear Technology
LTC4013EUFD LINER-LTC4013EUFD Datasheet
875Kb / 14P
60V Synchronous Buck Multi-Chemistry Battery Charger
LTC4020EUHF LINER-LTC4020EUHF Datasheet
370Kb / 8P
High Power Buck-Boost Multi-Chemistry Battery Charger
LTC4020 LINER-LTC4020 Datasheet
420Kb / 42P
55V Buck-Boost Multi-Chemistry Battery Charger
logo
Shanghai Consonance Ele...
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
Multi-Chemistry Battery Charger
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com