Electronic Components Datasheet Search
  English  ▼

X  

LTC4013 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4013
Description  60V Synchronous Buck Multi-Chemistry Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4013 Datasheet(HTML) 4 Page - Linear Technology

  LTC4013 Datasheet HTML 1Page - Linear Technology LTC4013 Datasheet HTML 2Page - Linear Technology LTC4013 Datasheet HTML 3Page - Linear Technology LTC4013 Datasheet HTML 4Page - Linear Technology LTC4013 Datasheet HTML 5Page - Linear Technology LTC4013 Datasheet HTML 6Page - Linear Technology LTC4013 Datasheet HTML 7Page - Linear Technology LTC4013 Datasheet HTML 8Page - Linear Technology LTC4013 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LTC4013
4
4013fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Error Amp
Error Amp Transconductance
∆IITH/∆(VSENSE–VBAT) VITH = 1.8V
1300
1800
2300
µmho
Error Amp Current Source
VITH =1.8V, VFB = 2.0V, (Float) MODE1 = H, MODE2 = L
–6.5
–10
–13.5
µA
Error Amp Current Sink
VITH =1.8V, VFB = 2.4V, (Float) MODE1 = H, MODE2 = L
18
27
35
µA
Current Sense (all measured as VSENSE – VBAT unless otherwise noted)
Maximum Charging Sense Resistor Voltage
In Absorption, Float, Li-Ion Charge, BAT = 14V
l
48
50
52
mV
Equalization and Low Battery Charging Sense
Resistor Voltage
BAT = 14V
l
8
10
12.5
mV
Current Sense C/10 Threshold
Termination when TMR = 0
l
2.0
4.6
7.0
mV
Constant Voltage (CV) Threshold
VFB(ABS,EQ) – VFB, Timeout Initiation with Cap on TMR l
15.6
24.5
mV
Overcurrent Charging Turnoff
l
100
106
mV
ISMON Fullscale Output Voltage
VSENSE – VBAT = 50mV
1.00
V
SENSE Input UVLO
VSENSE Rising (Charging Enabled)
l
1.86
1.97
2.07
V
SENSE Input UVLO Hysteresis
VSENSE Rising to Falling (Charging Disabled)
100
mV
Configuration Pins
MODE1, MODE2 Pin, Low Threshold
l
0.8
V
MODE1, MODE2 Pin, Mid Threshold
l
1.3
1.8
V
MODE1, MODE2 Pin, High Threshold
l
2.5
V
Timer
TMR Oscillator High Threshold
1.5
V
TMR Oscillator Low Threshold
0.97
V
Safety Timer Turn on Voltage
TMR Voltage Rising
l
0.45
0.5
0.65
V
Safety Timer Turn on Hysteresis Voltage
250
mV
TMR Source/Sink Current
TMR = 1.25V
8.5
10.0
11.5
μA
TMR Pin Period
CTMR = 0.2µF
20.8
ms
End of Charge Termination Time, tEOC
CTMR = 0.2µF
3.03
hr
Equalization Charge Termination Time
CTMR = 0.2µF, MODE1 = M, H
CTMR = 0.2µF, MODE1 = L
0.379
0.758
hr
hr
INTVCC Regulator (INTVCC Pin)
INTVCC Regulation Voltage
5.00
V
INTVCC Dropout Voltage
DCIN = 4.5V, INTVCC = 5mA
4.46
V
INTVCC Supply Short-Circuit Current
INTVCC = 0V
100
175
mA
NMOS FET Drivers
Non-Overlap Time TG to BG
40
ns
Non-Overlap Time BG to TG
74
ns
Minimum On-Time BG
38
ns
Minimum On-Time TG
37
ns
Minimum Off-Time BG
65
ns
Top Gate Driver Switch On Resistance
BST – SW = 5V, Pull Up
BST – SW = 5V, Pull Down
2.3
1.3
Ω
Ω
Bottom Gate Driver Switch On Resistance
INTVCC = 5V, Pull Up
INTVCC = 5V, Pull Down
2.3
1
Ω
Ω
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). DCIN, VIN, VIN_S = 18V, ENAB = 1.4V, SYNC = 0V
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com