Electronic Components Datasheet Search
  English  ▼

X  

LTC4013 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4013
Description  60V Synchronous Buck Multi-Chemistry Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4013 Datasheet(HTML) 5 Page - Linear Technology

  LTC4013 Datasheet HTML 1Page - Linear Technology LTC4013 Datasheet HTML 2Page - Linear Technology LTC4013 Datasheet HTML 3Page - Linear Technology LTC4013 Datasheet HTML 4Page - Linear Technology LTC4013 Datasheet HTML 5Page - Linear Technology LTC4013 Datasheet HTML 6Page - Linear Technology LTC4013 Datasheet HTML 7Page - Linear Technology LTC4013 Datasheet HTML 8Page - Linear Technology LTC4013 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LTC4013
5
4013fa
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). DCIN, VIN, VIN_S = 18V, ENAB = 1.4V, SYNC = 0V,
unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
BST UVLO
TG Enabled (Rising)
TG Disabled (Falling)
4.25
3.81
V
V
OSC
Switching Frequency
RT = 40.2kΩ
RT = 232kΩ
l
950
1000
200
1050
kHz
kHz
SYNC Pin Threshold (Falling Edge)
1.3
1.4
1.5
V
SYNC Pin Hysteresis
190
mV
CLK Output Logic Level
High
Low
4.5
0.5
V
V
Input PowerPath Control
Reverse Turn-Off Threshold Voltage
DCIN – VIN
l
–7.3
–4.4
–1.3
mV
Forward Turn-On Threshold Voltage
DCIN – VIN
l
–7.1
–4.2
–1.1
mV
Forward Turn-On Hysteresis Voltage
DCIN – VIN
0.2
mV
INFET Turn-Off Current
INFET = VIN + 1.5V
–9.0
mA
INFET Turn-On Current
INFET = VIN + 1.5V
60
µA
INFET Clamp Voltage
IINFET = 2μA , DCIN = 12V to 60V
VIN = DCIN – 0.1V
Measure VINFET – DCIN
l
11.0
12.5
V
INFET Off Voltage
IINFET = –2μA , DCIN = 12V to 59.9V
VIN = DCIN +0.1V
Measure VINFET – DCIN
l
–2.2
–1.6
V
DCIN to BAT UVLO
Switching Regulator Turn Off (VDCIN – VBAT Falling)
69
mV
Switching Regulator Turn On (VDCIN – VBAT Rising)
99
mV
MPPT Regulation
FBOC Voltage Range
l
1.0
3.0
V
MPPT Sample Period
10.2
s
MPPT Sample Pulse Width
271
µs
Regulation Input Offset
Set FBOC Look at MPPT Regulation
–40
40
mV
MPPT Input Burst Mode Turn On Threshold
VMPPT – VFBOC (Converted) , VFBOC = 1.5V
VSENSE – VBAT < C/10 Part Enter Burst Mode
l
–45
–32
–15
mV
MPPT Input Burst Mode Hysteresis
FBOC = 1.5V, VSENSE – VBAT < C/10
MPPT Turn Off – Turn On
l
35
62
85
mV
Note 1. Stresses beyond those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to any Absolute Maximum
Rating condition for extended periods may affect device reliability and lifetime.
Note 2. The LTC4013 is tested under pulse loaded conditions such that
TJ ≈ TA. The LTC4013E is guaranteed to meet performance specifications
from 0°C to 85°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC4013I is guaranteed over the full –40°C to 125°C operating junction
temperature range. The junction temperature (TJ in °C) is calculated
from the ambient temperature (TA in °C) and power dissipation (PD in
Watts) according to the formula: TJ = TA + PD • θJA where θJA (in °C/W)
is the package thermal impedance. Note that the maximum ambient
temperature consistent with these specifications is determined by specific
operating conditions in conjunction with board layout, the rated package
thermal resistance and other environmental factors. This IC includes
over temperature protection that is intended to protect the device during
momentary overload. Junction temperature will exceed 125°C when over
temperature protection is active. Continuous operation above the specified
maximum operating junction temperature may impair device reliability.
Note 3. VIN does not include switching currents.
Note 4. IVIN current also includes current that charges capacitance on
CLKOUT. This current is approximately CCLKOUT • 5V • fSW. For this test
CCLKOUT was 100pF, fSW was 1MHz (RT = 40.2k) so the current included is
0.5mA. In normal operation the CLKOUT capacitance is much less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com