Electronic Components Datasheet Search
  English  ▼

X  

LTC4013 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4013
Description  60V Synchronous Buck Multi-Chemistry Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4013 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4013 Datasheet HTML 18Page - Linear Technology LTC4013 Datasheet HTML 19Page - Linear Technology LTC4013 Datasheet HTML 20Page - Linear Technology LTC4013 Datasheet HTML 21Page - Linear Technology LTC4013 Datasheet HTML 22Page - Linear Technology LTC4013 Datasheet HTML 23Page - Linear Technology LTC4013 Datasheet HTML 24Page - Linear Technology LTC4013 Datasheet HTML 25Page - Linear Technology LTC4013 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
LTC4013
22
4013fa
OPERATION
Table 4. RT Resistor Value
Switching Frequency
RT (Ω)
1MHz
40.2k
750kHz
54.9k
500kHz
86.6k
300kHz
150k
200kHz
232k
The absorption and Li-Ion termination timer cycles start
when the charger transitions from constant-current to
constant-voltage charging. Equalization timing starts im-
mediately upon transition to the equalization charge state
andlowbatterytimingcommenceswhenFBfallsbelowLB.
Low Battery (LB) Pin
The LB pin is used to program the low battery level and
is compared internally to the FB pin voltage. The LB pin
sources a very precise 20µA current so the threshold volt-
age can be programmed simply by placing a resistor from
LB to ground. For instance, 100k to ground sets the LB pin
to 2.0V. In 2-stage and Li-Ion charging a transition below
the LB threshold triggers a new charge cycle if terminated.
In 3-stage and 4-stage a transition below the LB threshold
returns the charger to the absorption charging phase. In
all four modes, Li-Ion, 2-stage, 3-stage and 4-stage, and
with a timer capacitor present, the low battery fault timer
starts and the charge current is reduced to C/5. All four
modes terminate charging if the low-battery timer expires.
A commonly used low-battery voltage for a 6 cell battery
is 10.4V which represents the voltage with one of 6 cells
shorted. This LB voltage is set with an 86.6k resistor for
1.73V/cell, or 10.4V/6 with a 6-to-1 FB divider.
Output Current Monitoring
Chargecurrentcanbedeterminedbyobservingthevoltage
at the ISMON pin. ISMON follows the expression:
ISMON = 20 • (VSENSE - VBAT).
Programming Switching Frequency
The LTC4013 has an operational switching frequency
range between 200kHz and 1MHz which is programmed
with an external resistor from the RT pin to ground. Table
4showsresistorvaluesandtheircorrespondingswitching
frequencies. An approximate formula is:
RT(kΩ)=
40.2
fSW 1.088 (MHz)
Switching Frequency Synchronization
The internal oscillator may also be synchronized to an
external clock through the SYNC pin. The signal applied
to the SYNC pin must have a logic low below 1.3V and
a logic high above 1.7V. The input sync frequency must
be 20% higher than the frequency that would otherwise
be determined by the resistor at the RT pin. Input sig-
nals outside of these specified parameters cause erratic
switching behavior and subharmonic oscillations. When
synchronizing to an external clock, be aware that there is
a fixed delay from the input clock edge to the edge of the
signal at the SW pin. Ground the SYNC pin if synchroniza-
tion to an external clock is not required.
INFET Behavior
The LTC4013 controls an input N-Channel MOSFET via an
on-chip charge pump on INFET. The MOSFET provides a
blocking path to prevent battery discharge when the input
voltageisbelowthebatteryvoltage.Italsodisconnectsthe
inputsupplyfromthechargertomeasuretheinputvoltage
with no load for Maximum Power Point Tracking (MPPT).
Undervoltage Lockouts
The INFET charge pump and switching regulator are
enabled when all four UVLO comparators are satisfied
and the ENAB pin is above its precision enable threshold.
Specifically, VIN must be above its absolute threshold of
3.45V,DCINmustbegreaterthanBATbyatleast99mVand
must also be within 4mV of VIN. A fourth UVLO requires
that the battery voltage at SENSE be above its UVLO level
of approximately 1.97V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com