Electronic Components Datasheet Search
  English  ▼

X  

LTC4013 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4013
Description  60V Synchronous Buck Multi-Chemistry Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4013 Datasheet(HTML) 3 Page - Linear Technology

  LTC4013 Datasheet HTML 1Page - Linear Technology LTC4013 Datasheet HTML 2Page - Linear Technology LTC4013 Datasheet HTML 3Page - Linear Technology LTC4013 Datasheet HTML 4Page - Linear Technology LTC4013 Datasheet HTML 5Page - Linear Technology LTC4013 Datasheet HTML 6Page - Linear Technology LTC4013 Datasheet HTML 7Page - Linear Technology LTC4013 Datasheet HTML 8Page - Linear Technology LTC4013 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LTC4013
3
4013fa
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range (DCIN, VIN)
l
4.5
60
V
Battery Voltage Range (BAT)
l
2.4
60
V
ENAB Pin Threshold (Rising)
Threshold Hysteresis
l
1.175
1.220
170
1.275
V
mV
ENAB Pin Bias Current
10
nA
VIN UVLO
VIN Rising, Power Enabled
VIN Rising, Power Disabled
3.45
3.08
V
V
DCIN Pin
Operating Current
Shutdown Current
Not Switching
ENAB = 0V
l
480
4
625
7.9
µA
µA
VIN Pin
Operating Current
Shutdown Current
Not Switching (Notes 3 and 4)
ENAB = 0V, RT = 40.2k
l
2.1
32
2.8
80
mA
µA
BAT Pin
Operating Current
Shutdown Current
Not Switching
ENAB = 0V
l
6.2
0.5
9.3
1.5
µA
µA
SENSE Pin
Operating Current
Shutdown Current
Not Switching
ENAB = 0V
l
5.3
0.4
8.1
2.5
µA
µA
SW Pin Current in Shutdown
ENAB = 0V, SW = 60V, BST = 66V
0.25
µA
STAT0, STAT1 Enabled Voltage
STAT0, STAT1 Pin Current =1mA
STAT0, STAT1 Pin Current = 5mA
0.14
0.77
0.2
1.0
V
V
STAT0, STAT1 Leakage Current
STAT0, STAT1 Pin Voltage = 60V
l
1
µA
FB Regulation Voltage (See Tables 2-5)
Battery Float Voltage VFB(FL)
MODE1 = L, H MODE2 = L, H
l
2.256
2.244
2.267
2.267
2.278
2.291
V
V
MODE1 = M, MODE2 = L, H
l
2.189
2.178
2.200
2.200
2.211
2.223
V
V
MODE1 = L, MODE2 = M
l
2.320
2.309
2.332
2.332
2.344
2.356
V
V
Battery Absorption Voltage VFB(ABS)
MODE1 = H, MODE2 = L, H
MODE1 = L, MODE2 = H
l
2.355
2.343
2.367
2.367
2.380
2.392
V
V
MODE1 = M, MODE2 = L, H
l
2.388
2.376
2.400
2.400
2.412
2.425
V
V
Battery Equalization Voltage VFB(EQ)
MODE1 = L, H, MODE2 = H, TMR = Cap
l
2.487
2.475
2.500
2.500
2.513
2.526
V
V
MODE1 = M, MODE2 = H, TMR = Cap
l
2.587
2.574
2.600
2.600
2.613
2.627
V
V
Battery Charge Voltage VFB(CHG)
MODE1 = H, MODE2 = M
l
2.355
2.343
2.367
2.367
2.38
2.392
V
V
MODE1 = M, MODE2 = M
l
2.388
2.376
2.400
2.400
2.412
2.425
V
V
Battery Recharge Voltage VFB(RECHG)
MODE1 = M, H MODE2 = M
l
2.284
2.272
2.295
2.295
2.306
2.319
V
V
NTC Amplifier Gain
∆VFB(FL)/∆VNTC
0.21
V/V
NTC Amplifier Offset
∆VFB(FL) with VNTC = INTVCC/2
–15
0
15
mV
FB Pin Current
VFB = 3V
10
nA
LB Pin Current
VLB = 2V
19.6
20
20.4
μA
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). DCIN, VIN, VIN_S = 18V, ENAB = 1.4V, SYNC = 0V
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com