Electronic Components Datasheet Search
  English  ▼

X  

LTC4013 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4013
Description  60V Synchronous Buck Multi-Chemistry Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4013 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4013 Datasheet HTML 20Page - Linear Technology LTC4013 Datasheet HTML 21Page - Linear Technology LTC4013 Datasheet HTML 22Page - Linear Technology LTC4013 Datasheet HTML 23Page - Linear Technology LTC4013 Datasheet HTML 24Page - Linear Technology LTC4013 Datasheet HTML 25Page - Linear Technology LTC4013 Datasheet HTML 26Page - Linear Technology LTC4013 Datasheet HTML 27Page - Linear Technology LTC4013 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
LTC4013
24
4013fa
Setting Charge Current
Charge current, ICHGMAX, is determined by the current
sense resistor between SENSE and BAT. The servo voltage
is 50mV making the charge current 50mV/RSENSE. For a
10A charge current RSENSE should be 5mΩ. Accuracy
requires the use of 4-terminal sense resistors or care-
ful attention to ensure a Kelvin connection to the sense
resistor. Figure 18 shows two examples. Size the resistor
for power dissipation with PRSENSE = ICHGMAX • 50mV.
For example, the 10A sense resistor needs to be at least
½Watt.Susumu,PanasonicandVishayofferawidevariety
of accurate sense resistors.
Inductor Selection
Size the inductor so that the peak-to-peak ripple current is
approximately30%ofthemaximumchargingcurrent.This
is a reasonable trade-off between inductor size and ripple.
Inductance can be computed with the following equation:
L
=
VIN • VBAT – VBAT2
0.3• fSW •ICHGMAX • VIN
where VBAT is the battery voltage, VIN is the input voltage,
ICHGMAX is the maximum charge current and fSW is the
switching frequency. Choose the saturation current for
the inductor to be at least 20% higher than the maximum
charge current.
To protect against faults, there is an overcurrent compara-
tor which terminates switching when the voltage between
the SENSE and BAT pins exceeds 100mV. When tripped,
switching is stopped for a minimum of 4 switch cycles.
Switching Regulator MOSFET Selection
Key parameters for MOSFET selection are: total gate
charge (QG),on-resistance(RDS(ON)),gatetodraincharge
(QGD), gate-to-source charge (QGS), gate resistance (RG),
breakdown voltage (maximum VGS and VDS) and drain
current (maximum ID). The following guidelines provide
information to make the selection process easier. Table 5
lists some recommended manufacturers.
APPLICATIONS INFORMATION
The rated drain current for both MOSFETs must be greater
thanthemaximuminductorcurrent.Peakinductorcurrent
is approximately:
ILMAX =ICHGMAX +
VIN • VBAT – VBAT2
2• fSW •L • VIN
The rated drain current is temperature dependent, and
most data sheets include a table or graph of rated drain
current versus temperature.
The rated VDS must be higher than the maximum input
voltage (including transients) for both MOSFETs.
The LTC4013 will drive the gates of the switching MOS-
FETs with about 5V (INTVCC) with respect to their sources.
However,duringstart-upandrecoveryconditions,thegate
drive signals may be as low as 3V. Therefore, to ensure
thattheLTC4013operatesproperly,uselogiclevelthresh-
old MOSFETs with a VT of about 2V or less. For a robust
design, ensure that the rated maximum VGS is at least 7V.
Power loss in the switching MOSFETs is related to the
on-resistance, RDS(ON); gate resistance, RG; gate-to-drain
charge,QGDandgate-to-sourcecharge,QGS.Powerlostto
the on-resistance is an ohmic loss, I²RDS(ON), and usually
dominates for input voltages less than 15V. Power lost
while charging the gate capacitance typically dominates
for voltages greater than 15V. When operating at higher
input voltages, efficiency is optimized by selecting a high
side MOSFET with higher RDS(ON) and lower QG. The total
power loss in the high side MOSFET is approximated by
the sum of ohmic losses and transition losses:
PHIGH_LOSS =
VBAT
VIN
•IL2•RDS(ON) •ρT +
VIN •IL
5V
•(QGD+QGS)•(2•RG+RPU+RPD)• fSW
ρT is a dimensionless temperature dependent factor in
the MOSFET's on-resistance. Using 70°C as the maximum
ambient operating temperature, ρT is roughly equal to
1.3. RPD and RPU are the LTC4013 high side gate driver
output impedances: 2.3Ω and 1.3Ω, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com