Electronic Components Datasheet Search
  English  ▼

X  

LTC4013 Datasheet(PDF) 35 Page - Linear Technology

Part # LTC4013
Description  60V Synchronous Buck Multi-Chemistry Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4013 Datasheet(HTML) 35 Page - Linear Technology

Back Button LTC4013 Datasheet HTML 30Page - Linear Technology LTC4013 Datasheet HTML 31Page - Linear Technology LTC4013 Datasheet HTML 32Page - Linear Technology LTC4013 Datasheet HTML 33Page - Linear Technology LTC4013 Datasheet HTML 34Page - Linear Technology LTC4013 Datasheet HTML 35Page - Linear Technology LTC4013 Datasheet HTML 36Page - Linear Technology LTC4013 Datasheet HTML 37Page - Linear Technology LTC4013 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
LTC4013
35
4013fa
APPLICATIONS INFORMATION
Figure 21. 18V-60V 6.25A LiFePO4 15V SLA Replacement Battery Charger
18V-60V
INTVCC
INTVCC
BAT
DCIN
D1
DFLS160
DCIN
ENAB
INTVCC
SYNC
SGND
SENSE
BAT
ITH
RT
CLKOUT
PGND
FB
TG
SW
BST
BG
VIN
FBOC
MPPT
INFET
LB
NTC
MODE1
MODE2
VIN_S
STAT1
STAT0
TMR
ISMON
LTC4013
BATTERY
4013 TA04
M1
M2
D2
DFLS1100
M3-M4
C1
4.7µF
C29
10nF
R22
36.5k
R24
86.6k
R23
232k
C31
0.22µF
RSENSE
8m
RFB2
536k
RFB1
102k
C16-18
22µF×3
C23
330µF
C19
0.1µF
C13
4.7µF
L1
22µH
R17
12k
D3
GREEN
R18
12k
D2
RED
R1
549k
R3
40.2k
C3
0.1µF
C15
0.15µF
C9-C12
56µF ×4
C2-C5
4.7µF ×4
M1, M2, M3, M4 VISHAY SiS468DN
L1 WURTH 7443632200
C1 4.7µF 100V
C2-C5 4.7µF, 100V
C16-C18 22µF 25V
C23 330µF 25V
C9-C12 56µF 63V PANASONIC EEHZA1J560P
D4 CMDZZ5245B
LiFeP04 CHARGING WITH 15V FLOAT,
14.35V RECHARGE, 3.3HR TIMEOUT
D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com