Electronic Components Datasheet Search
  English  ▼

X  

LTC4418 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4418
Description  Dual Channel Prioritized PowerPath Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4418 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4418 Datasheet HTML 2Page - Linear Technology LTC4418 Datasheet HTML 3Page - Linear Technology LTC4418 Datasheet HTML 4Page - Linear Technology LTC4418 Datasheet HTML 5Page - Linear Technology LTC4418 Datasheet HTML 6Page - Linear Technology LTC4418 Datasheet HTML 7Page - Linear Technology LTC4418 Datasheet HTML 8Page - Linear Technology LTC4418 Datasheet HTML 9Page - Linear Technology LTC4418 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LTC4418
6
Rev A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
OV, UV Threshold vs Temperature
Validation Time
vs TMR Capacitance
OV, UV Hysteresis Current
Configuration
INTVCC
vs Input Voltage (V1, V2, VOUT)
VTH
UV RISING THRESHOLD
OV FALLING THRESHOLD
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
4418 G10
V1/2 = 12V
CTMR (nF)
0.1
1
10
100
1k
1
10
100
1k
10k
4418 G11
IHYS (nA)
0
1000
2000
3000
4000
0
100
200
300
400
500
4418 G12
INPUT VOLTAGE (V)
0
8
16
24
32
40
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4418 G13
VALID1, VALID2
Pull-Down Strength
90°C
25°C
–45°C
V1/V2 = 12V
VOUT = 12V
PULL-UP CURRENT (mA)
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1.0
4418 G14
Deglitched Connection
VOUT
5ms/DIV
CTMR = 1nF
COUT = 120µF
ILOAD = 1A
–40A PCH FDS4685
V1
2V/DIV
V2
2V/DIV
4418 G15
VOUT Switching from Higher to
Lower Voltage
VOUT Switching from Lower
to Higher Voltage with Inrush
Current Limiting Circuitry
Reverse Voltage Blocking
500µs/DIV
VOUT
2V/DIV
V1
2V/DIV
V2
2V/DIV
4418 G16
COUT = 120µF
ILOAD = 2A
–20V PCH FDS4465
VOUT
50µs/DIV
RS = 475
CS = 47nF
COUT = 120µF
ILOAD = 2A
–20V PCH FDS4465
V1
4V/DIV
V2
4V/DIV
IV2
10A/DIV
4418 G17
V1 = +15V
V1 = –15V
–40V PCH FDD4685
COUT = 10µF
ILOAD = 1A
2ms/DIV
V1
5V/DIV
V2, VOUT
5V/DIV
4418 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com