Electronic Components Datasheet Search
  English  ▼

X  

LTC4418 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4418
Description  Dual Channel Prioritized PowerPath Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4418 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4418 Datasheet HTML 18Page - Linear Technology LTC4418 Datasheet HTML 19Page - Linear Technology LTC4418 Datasheet HTML 20Page - Linear Technology LTC4418 Datasheet HTML 21Page - Linear Technology LTC4418 Datasheet HTML 22Page - Linear Technology LTC4418 Datasheet HTML 23Page - Linear Technology LTC4418 Datasheet HTML 24Page - Linear Technology LTC4418 Datasheet HTML 25Page - Linear Technology LTC4418 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LTC4418
22
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
P-Channel MOSFET Selection
Using the list of suggested P-channel MOSFETs in Table 1
as a guideline, the FDS4465 (Max VDS = –20V, RDS(ON) =
8.5mΩ) is appropriate for this application. When selecting
external MOSFETs the following items are relevant:
1. MAX VDS
2. RDS(ON)
3. IDM
4. CRSS (Maximum)
5. VGS (At IINRUSH + ILOAD Current)
6. SOA
Inrush Current Component Selection
The UV2 threshold for V2 is larger than the OV/UV window
of V1. This means that there could be significant inrush
current during switchover from V1 to V2. There are two
inrush current issues to address:
1. Avoid damaging the P-channel MOSFETs by violating
their IDM specification
2. Prevent UV faults on channel 2 from V2 input droop
The maximum inrush current occurs when switching to
the V2 supply which has a maximum voltage of 14.03V.
The minimum voltage of VOUT is 4.5V if V1 is at its UV
threshold. For these conditions, the maximum inrush
current through the P-channel MOSFETs is:
MAX IINRUSH =
V2(MAX) − VOUT(MIN)
RSRC +ESRCOUT + 2 • RDS(ON)
=
14.03V − 4.5V
0.02Ω + 0.025Ω + 0.17Ω
= 154A
The 154A worst case inrush current far exceeds the 50A
IDM spec of the FDS4465. The worst case condition for
generating a UV fault on Channel 2 is if V2 is just above
UVHYS threshold of 10.2V. Given the input impedance of
20mΩ, the maximum tolerable inrush current is:
Tolerable IINRUSH =
UVHYS2
RSRC
=
250mV
0.02Ω
= 12.5A
Based on these calculations, the target inrush current for
the V2 PowerPath switches is 12A. Now the appropriate
values for output capacitance and inrush current limiting
components are determined.
The first step is to calculate the minimum required output
capacitance, COUT, to satisfy the desired output voltage
droop, 500mV. Assume the inrush current limiting com-
ponents, RS and CS, add 15µs to the switchover time.
COUT ≥
ILOAD • tG(SWITCHOVER) + 15µs
(
)
ΔVOUT(DROOP) − ESRCOUT • ILOAD
≥
1.25A • (2.7µs + 15µs)
500mV − 1.25A • 25mΩ
≥ 47µF
For aluminum electrolytic capacitors add at least 20%.
For margin, choose 82µF for COUT for this application.
The inrush current limiting components must now be
determined. Information from the FDS4465 data sheet
required is VGS at IINRUSH + ILOAD which is 1.25V at ap-
proximately 12A and the maximum value of CRSS which
is 4000pF. The minimum value of CS is 10 • CRSS or 40nF
so a 47nF CS value is selected. Next calculate RS using
the maximum specification for ∆VG(SINK):
RS ≥
(ΔVG(SINK) − VGS) • COUT
CS •IINRUSH(TARGET)
≥
(6V − 1.25V) • 82µF
47nF • 12A
≥ 690.6Ω
where the closest 1% value is 698Ω.
With the inrush current limiting components known, the
desired output capacitance is checked with the equation:
COUT ≥
ILOAD • tG(SWITCHOVER) + 0.79 • RS • CS
(
)
ΔVOUT(DROOP) − ESR • ILOAD
≥
1.25A • (2.7µs + 0.79 • 698Ω • 47nF)
500mV − 25mΩ
≥ 71.54µF
The selected 82µF output capacitance is therefore suit-
able. A typical value for CVS1 and CVS2 is 0.1µF. For the
situation where inrush current limiting components are
used, so CVS2 is chosen to be 0.47µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com