Electronic Components Datasheet Search
  English  ▼

X  

LTC4418 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4418
Description  Dual Channel Prioritized PowerPath Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4418 Datasheet(HTML) 4 Page - Linear Technology

  LTC4418 Datasheet HTML 1Page - Linear Technology LTC4418 Datasheet HTML 2Page - Linear Technology LTC4418 Datasheet HTML 3Page - Linear Technology LTC4418 Datasheet HTML 4Page - Linear Technology LTC4418 Datasheet HTML 5Page - Linear Technology LTC4418 Datasheet HTML 6Page - Linear Technology LTC4418 Datasheet HTML 7Page - Linear Technology LTC4418 Datasheet HTML 8Page - Linear Technology LTC4418 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LTC4418
4
Rev A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Unless otherwise noted, V1 = VS1 = 12V and/or V2 = VS2 = 12V,
VOUT = 12V, HYS = GND, CAS = Open, G1 = G2 = Open. (Notes 1, 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OV, UV Protection Circuitry
VTH
OV/UV Comparator Threshold
VOUT = 11V, OV Rising, UV Falling
l
0.985
1
1.015
V
VHYS(INT)
OV/UV Comparator Hysteresis
VOUT = 11V
l
15
30
45
mV
ILEAK
OV/UV Leakage Current
OV = 1.015V, UV = 0.985V
l
±10
nA
IEXT
External Hysteresis Current
Into/Out of UV/OV Pins
IHYS = –400nA
IHYS = –4µA
l
l
40
470
50
500
60
530
nA
nA
VHYS
HYS Voltage
IHYS = –4µA
l
480
500
520
mV
Validation Timer
ITMR
TMR Pull-Up Current
TMR Pull-Down Current
Timer On, VTMR ≤600mV
Timer On, VTMR ≥1.6V
l
l
–1
1
–2
2
–3.5
3.5
µA
µA
tVALID
OV, UV Validation Time
TMR = VINTVCC
CTMR = 1nF
l
l
2
9
3.5
16
7
32
µs
ms
tVALID(OFF)
VALID Off Delay from OV/UV Fault
UV or OV 10% Overdrive,
Measure VALID1 or VALID2 Rising Edge
l
2
3.5
7
µs
VTH(TMROFF)
TMR Disable Voltage Threshold
Measure VINTVCC-VTMR, Rising Edge
l
50
100
180
mV
VTH(TMRHYS)
TMR Disable Voltage Hysteresis
120
mV
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise specified.
Note 3: Specification represents the diode-OR’d current of V1 or V2 input
supplies. Current is split evenly if both supplies are equal.
Note 4: UV1 or UV2 driven below VTH. Time is measured from respective
rising edge G1 crossing VS1 – 3V or G2 crossing VS2 – 3V to next valid
priority falling edge G1 crossing VS1 – 3V or G2 crossing VS2 – 3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com