Electronic Components Datasheet Search
  English  ▼

X  

LTC4418 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4418
Description  Dual Channel Prioritized PowerPath Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4418 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4418 Datasheet HTML 4Page - Linear Technology LTC4418 Datasheet HTML 5Page - Linear Technology LTC4418 Datasheet HTML 6Page - Linear Technology LTC4418 Datasheet HTML 7Page - Linear Technology LTC4418 Datasheet HTML 8Page - Linear Technology LTC4418 Datasheet HTML 9Page - Linear Technology LTC4418 Datasheet HTML 10Page - Linear Technology LTC4418 Datasheet HTML 11Page - Linear Technology LTC4418 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LTC4418
8
Rev A
For more information www.analog.com
PIN FUNCTIONS
EN (Pin 18): Channel Enable Input. EN is a 40V input
that allows the user to quickly connect and disconnect
channels without resetting the OV/UV Validation timer.
This feature is essential in cascading applications. When
below 1V (VEN(TH)), both external P-channel MOSFETs are
driven off by pulling G1 and G2 to their respective VS1
and VS2. When above VEN(TH), the highest valid priority
channel is connected to the output. EN is pulled to INTVCC
with a 3.2µA current source (ICTRL) and can be pulled
up externally to a maximum voltage of 40V. Connect to
INTVCC when not used.
SHDN (Pin 19): Shutdown Input. Driving SHDN below
VSHDN(TH) turns off all external P-channel MOSFETs, dis-
ables the OV/UV comparators and resets the validation
timers used to validate V1 and V2. CAS is pulled high to
allow lower priority LTC4417/LTC4418s in a cascaded
system to provide power to VOUT. Driving SHDN above
1V (VSHDN(TH)) allows channels to validate and connect.
SHDN is pulled high to INTVCC with a 3.2µA current source
(ICTRL) and can be pulled up externally to a maximum
voltage of 40V. Connect to INTVCC when not used.
HYS (Pin 20): OV/UV Comparator Hysteresis Input. Con-
nectingHYStogroundsetsafixedhysteresis(VHYS(INT))for
the OV and UV comparators. Connecting a resistor, RHYS,
between HYS and ground disables the internal hysteresis
andsetsa63mV/RHYShysteresiscurrentwhichissourced
from each OV1 and OV2 and sunk into each UV1 and UV2
pin. Connect to GND if not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com