Electronic Components Datasheet Search
  English  ▼

X  

LTC4418 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4418
Description  Dual Channel Prioritized PowerPath Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4418 Datasheet(HTML) 3 Page - Linear Technology

  LTC4418 Datasheet HTML 1Page - Linear Technology LTC4418 Datasheet HTML 2Page - Linear Technology LTC4418 Datasheet HTML 3Page - Linear Technology LTC4418 Datasheet HTML 4Page - Linear Technology LTC4418 Datasheet HTML 5Page - Linear Technology LTC4418 Datasheet HTML 6Page - Linear Technology LTC4418 Datasheet HTML 7Page - Linear Technology LTC4418 Datasheet HTML 8Page - Linear Technology LTC4418 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LTC4418
3
Rev A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Unless otherwise noted, V1 = VS1 = 12V and/or V2 = VS2 = 12V,
VOUT = 12V, HYS = GND, CAS = Open, G1 = G2 = Open. (Notes 1, 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Start-Up
V1, V2, VOUT
V1, V2, VOUT Operating Supply Range
l
2.5
40
V
VINTVCC
INTVCC Voltage
l
2.5
3.3
4
V
ITOT
Total Supply Current
(Sum of IVOUT, IV1, IV2, IVS1, IVS2)
SHDN = 0V
l
l
26
22
52
44
µA
µA
IVOUT
VOUT Supply Current
l
17
34
µA
IV1, IV2
V1, V2 Supply Current
(Note 3)
VOUT = 0V, EN = 0V
VOUT = 0V, SHDN = 0V
l
l
l
1.4
21
13
2.8
42
26
µA
µA
µA
IVS1, IVS2
VS Supply Current
Channel ON
Channel OFF
l
l
5.7
1.8
11.4
3.6
µA
µA
Gate Control
∆VG
Open Clamp Voltage (VS – VG)
VOUT = 11V, G1 = G2 = Open
l
5.4
6.2
6.7
V
∆VG(SOURCE)
Sourcing Clamp Voltage (VS – VG)
VOUT = 11V, I = –10µA
l
5.8
6.6
7
V
∆VG(SINK)
Sinking Clamp Voltage (VS – VG)
VOUT = 11V, I = 10µA
l
4.5
5.2
6
V
IG(DN)
Gate Pull-Down Current
VG = 3V, VS Floating
l
28
60
120
mA
∆VG(OFF)
Gate Off Threshold (VS – VG)
VS1 = VS2 = 2.8V, VOUT = 11V, Gate Rising
l
0.2
0.3
0.4
V
RG(OFF)
Gate Off Resistance
V1 or V2 = 12V, IG = –10mA
l
8
16
28
Ω
VREV
Reverse Voltage Threshold
Measure (V1 or V2) – VOUT Falling
l
75
125
185
mV
tG(SWITCHOVER)
Break-Before-Make Time
VOUT = 11V, CGATE = 10nF (Note 4)
l
1
2.7
4
µs
tP(SHDN)
Gate Turn-Off Delay from SHDN
VOUT = 11V, Falling Edge SHDN to
G1 = VS1–3V or G2 = VS2 – 3V, CGATE = 10nF
l
0.3
0.7
1.4
µs
tP(EN)
Gate Turn-On/Off Delay from EN
VOUT = 11V, Rising/Falling EN Edge to
G1 = VS1–3V or G2 = VS2 – 3V, CGATE = 10nF
l
0.3
0.7
1.4
µs
tSS
Soft-Start Timeout
VOUT = 2V
l
20
35
70
ms
Input/Output Pins
VVALID(OL)
VALID Output Low Voltage
I = 1mA, V1 or V2 = 2.5V, VOUT = 0V
l
0.23
0.5
V
VCAS(OH)
CAS Output High Voltage
I = –1µA, V1, V2, VOUT > 2.5V,
UV = OV = EN = 0V
l
1.6
2.7
3.5
V
VCAS(OL)
CAS Output Low Voltage
I = 1mA, V1 or V2 = 2.5V, VOUT = 0V
l
60
150
mV
ICAS
CAS Pull-Up Current
SHDN = 0V, CAS = 1V
l
–10
–20
–40
µA
tCAS(EN)
CAS Delay from VG(OFF)
VOUT = 11V
l
0.3
0.7
1.4
µs
VEN(TH)
EN Threshold Voltage
EN Rising, VOUT = 11V
l
0.6
1
1.4
V
VSHDN(TH)
SHDN Threshold Voltage
SHDN Rising
l
0.6
1
1.4
V
VSHDN_EN(HYS)
SHDN, EN Threshold Hysteresis
130
mV
ICTRL
SHDN, EN Pull-Up Current
SHDN = EN = 0V
l
–1.5
–3.2
–5.5
µA
ILEAK
SHDN, EN, VALID1, VALID2, CAS
Leakage Current
SHDN = EN = VALID1 = VALID2 = 40V,
CAS = 5.5V
l
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com