Electronic Components Datasheet Search
  English  ▼

X  

LTC4418 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4418
Description  Dual Channel Prioritized PowerPath Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4418 Datasheet(HTML) 1 Page - Linear Technology

  LTC4418 Datasheet HTML 1Page - Linear Technology LTC4418 Datasheet HTML 2Page - Linear Technology LTC4418 Datasheet HTML 3Page - Linear Technology LTC4418 Datasheet HTML 4Page - Linear Technology LTC4418 Datasheet HTML 5Page - Linear Technology LTC4418 Datasheet HTML 6Page - Linear Technology LTC4418 Datasheet HTML 7Page - Linear Technology LTC4418 Datasheet HTML 8Page - Linear Technology LTC4418 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTC4418
1
Rev A
For more information www.analog.com
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual Channel Prioritized
PowerPath Controller
The LTC®4418 connects one of two valid power supplies
to a common output based on priority and validity. Priority
is defined by pin assignment, with V1 assigned the higher
priorityandV2thelowerpriority.Apowersupplyisdefined
as valid when its voltage has been within its overvoltage
(OV) and undervoltage (UV) window continuously for at
least the configured validation time. If the highest priority
valid input falls out of the OV/UV window, the channel is
immediately disconnected and the other valid input is con-
nected to the common output. Multiple LTC4418s, as well
as triple channel LTC4417s, can be cascaded to provide
switchover between more than two inputs.
The LTC4418 incorporates fast non-overlap switching
circuitry to prevent both reverse and cross conduction
while minimizing output droop. The gate driver includes
a 6V clamp to protect external MOSFETs. A controlled
soft-start feature minimizes start-up inrush current. Open
drain VALID outputs indicate the input supplies have been
within their OV/UV window for the duration of the valida-
tion time. The validation time can be disabled or adjusted
using an external capacitor.
APPLICATIONS
n
Selects Highest Priority Supply from Two Inputs
n
Blocks Reverse and Cross Conduction Currents
n
Wide Operating Voltage Range: 2.5V to 40V
n
–42V Protection Against Reverse Connection
n
60V Tolerant V1, V2 Inputs
n
Adjustable Input Validation Time
n
Fast Switchover Minimizes Output Voltage Droop
n
Low 26µA Operating Current
n
±1.5% Input Overvoltage/Undervoltage Protection
n
Adjustable Overvoltage/Undervoltage Hysteresis
n
Cascadable for Additional Input Supplies
n
20-Lead 4mm × 4mm QFN Package
n
Industrial Handheld Instruments
n
High Availability Systems
n
Battery Backup Systems
n
Servers and Computer Peripherals
All registered trademarks and trademarks are the property of their respective owners.
V2
UV2
OV2
LTC4418
4418 TA01a
VS1
G1
VS2
G2
1M
100nF
60.4k
226k
1M
33.2k
78.7k
470nF
BAT46WJ
M3
M4
47nF
698
100k
82µF
1.25A MAX OUTPUT
V1
UV1
OV1
CAS
INTVCC
EN
SHDN
+
FDS4465
M1
M2
FDS4465
5V SYS
12V WALL
ADAPTER
GND
HYS
255k
TMR
1nF
100nF
100k
VALID1
VALID2
VOUT
Priority Switching from V1 to V2
VOUT
5V
13.8V
2ms/DIV
ILOAD = 1.25A
COUT = 82µF
V1
2V/DIV
V2
2V/DIV
4418 TA01b
Document Feedback


Similar Part No. - LTC4418

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4418 AD-LTC4418 Datasheet
1Mb / 32P
High Power Prioritized PowerPath Controller
LTC4418 AD-LTC4418 Datasheet
450Kb / 18P
28V, 2A Ideal Diode and Load Switch
Rev. 0
More results

Similar Description - LTC4418

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1479 LINER-LTC1479 Datasheet
466Kb / 24P
PowerPath Controller for Dual Battery Systems
LTC4412HV LINER-LTC4412HV_15 Datasheet
182Kb / 12P
36V, Low Loss PowerPath Controller in ThinSOT
LTC1473 LINER-LTC1473_15 Datasheet
210Kb / 16P
Dual PowerPath Switch Driver
LTC4412 LINER-LTC4412_15 Datasheet
405Kb / 14P
Low Loss PowerPath Controller in ThinSOT
LTC1479 LINER-LTC1479_15 Datasheet
384Kb / 24P
PowerPath Controller for Dual Battery Systems
LTC2952 LINER-LTC2952_15 Datasheet
288Kb / 30P
Pushbutton PowerPath Controller with Supervisor
LTC4417 LINER-LTC4417_15 Datasheet
433Kb / 32P
Prioritized PowerPat Controller
LTC4000EGN LINER-LTC4000EGN Datasheet
2Mb / 12P
Battery Charger Controller and PowerPath Manager
LTC4419 LINER-LTC4419 Datasheet
712Kb / 22P
18V Dual Input Micropower PowerPath Prioritizer
logo
Analog Devices
LTC4421 AD-LTC4421 Datasheet
1Mb / 32P
High Power Prioritized PowerPath Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com