Electronic Components Datasheet Search
  English  ▼

X  

LTC4418 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4418
Description  Dual Channel Prioritized PowerPath Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4418 Datasheet(HTML) 5 Page - Linear Technology

  LTC4418 Datasheet HTML 1Page - Linear Technology LTC4418 Datasheet HTML 2Page - Linear Technology LTC4418 Datasheet HTML 3Page - Linear Technology LTC4418 Datasheet HTML 4Page - Linear Technology LTC4418 Datasheet HTML 5Page - Linear Technology LTC4418 Datasheet HTML 6Page - Linear Technology LTC4418 Datasheet HTML 7Page - Linear Technology LTC4418 Datasheet HTML 8Page - Linear Technology LTC4418 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LTC4418
5
Rev A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Total Enabled Supply Current
vs Supply Voltage
Total Shutdown Supply Current
vs Supply Voltage
IV1, IV2, IVOUT
vs V2 Supply Voltage
Gate Drive Voltage
vs Temperature
Gate Falling Slew Rate
vs Temperature
Gate Rising Slew Rate
vs Temperature
Gate Pull-Down Current
vs Gate Voltage
Break Before Make Time
vs Temperature
Valid Delay Off Time
vs Temperature
ALL SUPPLY VS AND VOUT
PINS CONNECTED TOGETHER
–45°C
90°C
25°C
SUPPLY VOLTAGE (V)
0
10
20
30
40
0
5
10
15
20
25
30
35
40
4418 G01
–45°C
90°C
25°C
SUPPLY VOLTAGE (V)
0
10
20
30
40
0
5
10
15
20
25
30
4418 G02
ALL SUPPLY VS AND VOUT
PINS CONNECTED TOGETHER
V2 VOLTAGE (V)
–40 –30 –20 –10
0
10
20
30
40
0
5
10
15
20
4418 G03
IVOUT
IVS1+IVS2
IV2
IV1
V1 = VS1 = VS2 = VOUT = 12V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
4.5
5.0
5.5
6.0
6.5
7.0
4418 G04
OPEN
IG = –10µA
IG = 10µA
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
0
2
4
6
8
10
12
14
16
18
4418 G05
V1 = 2.7V
V1 = 5V
V1 = 12V
V1 = 40V
V1 = 24V
V1 = V2
CGATE = 10nF
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
0
4
8
12
16
4418 G06
V1 = 2.7V
V1 = 5V
V1 = 12V, 24V, 40V
V1 = V2
CGATE = 10nF
GATE VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
0.01
0.1
1
10
100
4418 G07
90°C
25°C
–45°C
V1/V2 = 12V
VS1/VS2 = FLOATING
VOUT = 11.7V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
1.5
2.0
2.5
3.0
3.5
4418 G08
V1 = 40V
V1 = 12V
V1 = 3V
V1 = V2
CGATE = 10nF
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
2
3
4
5
6
7
4418 G09
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com