Electronic Components Datasheet Search
  English  ▼

X  

73M2921 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 73M2921
Description  Advanced Single Chip Modem
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

73M2921 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 73M2921 Datasheet HTML 17Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 18Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 19Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 20Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 21Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 22Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 23Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 24Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
73M2921
Advanced Single
Chip Modem
February 99 Rev M
TDK Semiconductor
Page 21 of 41
DTMF DETECT REGISTER
ADDRESS: 04h (04d, 00100b)
MODE: CALL PROGRESS
BIT D7
BIT D6
BIT D5
BIT D4
BIT D3
BIT D2
BIT D1
BIT D0
Det. Valid
RES.
RES.
RES.
DTDET
3
DTDET
2
DTDET
1
DTDET
0
BIT NO.
NAME
CONDITION
DIGIT
DESCRIPTION
D3, D2, D1, D0
DTMF
Detect 3-0
D3
D2
D1
D0
00
0
1
00
1
0
00
1
1
01
0
0
01
0
1
01
1
0
01
1
1
10
0
0
10
0
1
10
1
0
10
1
1
11
0
0
11
0
1
11
1
0
11
1
1
00
0
0
1
2
3
4
5
6
7
8
9
0
*
#
A
B
C
D
Detects 697 Hz & 1209 Hz
Detects 697 Hz & 1336 Hz
Detects 697 Hz & 1477 Hz
Detects 770 Hz & 1209 Hz
Detects 770 Hz & 1336 Hz
Detects 770 Hz & 1477 Hz
Detects 852 Hz & 1209 Hz
Detects 852 Hz & 1336 Hz
Detects 852 Hz & 1477 Hz
Detects 941 Hz & 1336 Hz
Detects 941 Hz & 1209 Hz
Detects 941 Hz & 1477 Hz
Detects 697 Hz & 1633 Hz
Detects 770 Hz & 1633 Hz
Detects 852 Hz & 1633 Hz
Detects 941 Hz & 1633 Hz
D4, D5, D6
Reserved
Reserved for future use
D7
Valid
DTMF
Detect
1
0
Indicates a valid DTMF detection
Indicates no detect for polled applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com