Electronic Components Datasheet Search
  English  ▼

X  

73M2921 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 73M2921
Description  Advanced Single Chip Modem
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

73M2921 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  73M2921 Datasheet HTML 1Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 2Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 3Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 4Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 5Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 6Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 7Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 8Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
73M2921
Advanced Single
Chip Modem
February 99 Rev M
TDK Semiconductor
Page 5 of 41
PIN DESCRIPTION (continued)
SERIAL DATA INTERFACE
NAME
PIN
TYPE
DESCRIPTION
RXCLK
45
O
RECEIVE CLOCK: Receive clock for the serial data interface. Data is
transferred from the 73M2921 on the rising edge of the clocks.
TXCLK
42
O
TRANSMIT CLOCK: Transmit clock for the serial data interface. Data is
transferred to the 73M2921 on the rising edge of the clocks.
RXD
44
O
RECEIVE DATA: Receive Digital Data.
TXD
41
I
TRANSMIT DATA: Transmit Digital Data.
AUXILIARY FUNCTIONS
NAME
PIN
TYPE
DESCRIPTION
MON
38
O
MONITOR: Speaker driver. PCM output under software control.
See
app note concerning the use of this pin.
PEXT
50
I
EXTERNAL PROGRAM ENABLE: This pin must be tied low for normal
operation.
ANALOG I/O
NAME
PIN
TYPE
DESCRIPTION
INPA,
INNA
34,
35
I
ANALOG INPUT: Differential analog input to a high resolution ADC.
OUTPA,
OUTNA
31,
30
O
ANALOG OUTPUT: Differential analog output from a high resolution
DAC.
HARDWARE REQUIREMENTS
The 73M2921 chip is designed for a single +3.3 or 5 Volt supply and for minimum power consumption
(~100mW @ 3.3V). It supports power down (idle) mode via microcontroller software control. It will also accept
a request for power down from the DTE via hardware control. The device operates from internal ROM/RAM,
but may be configured for external ROM operation and external RAM access (for custom applications) using
either the prototype or the production packages.
LINE/HYBRID INTERFACE
The 73M2921 chip provides a differential analog input and output. This interface will drive a standard Data
Access Arrangement (DAA).
The system controller provides additional control such as hook, phone and
auxiliary relay, parallel pickup and in-use detect, and ring detect.
The Internal DAC provides a differential output signal with a maximum output swing of 1.2Vpp, capable of
driving a 50K
Ω load. One output can be used alone for a single ended output (with possible performance
degradation).
The internal ADC has a differential input maximum of 1.2Vpp, and provides a biasing resistor to Vref for AC
coupling. One input can be driven while leaving the other floating for a single ended input (with possible
performance degradation). The signal passes through a passive anti-aliasing filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com