Electronic Components Datasheet Search
  English  ▼

X  

73M2921 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # 73M2921
Description  Advanced Single Chip Modem
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

73M2921 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button 73M2921 Datasheet HTML 33Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 34Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 35Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 36Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 37Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 38Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 39Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 40Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 41Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
73M2921
Advanced Single
Chip Modem
February 99 Rev M
TDK Semiconductor
Page 39 of 41
PINOUT
100 PIN QFP - PRODUCTION PACKAGE PINOUT
QFP Pin
Pin Name
Pin Description
QFP Pin
Pin Name
Pin Description
1
n/c
35
INNA
analog negative input
2
n/c
36
VPA
analog positive power supply
3
VPD
digital positive power supply
37
VNA
analog negative power supply
4
VND
digital negative power supply
38
MON
speaker driver output
5-12
UD[0-7]
8 bit microcontroller data
bus, bidirectional
39
:$.(
microcontroller wake-up
output
13,14
UA[0, 1]
2 bit microcontroller
address
40
RESET
reset chip input
15
&6
microcontroller chip select
input
41
TXD
transmit serial data input
16
:5
µP write enable input
42
TXCLK
transmit data clock output
17
5'
µP read enable input
43
n/c
18
8,17
µP interrupt output
44
RXD
receive serial data output
19
MICCLK
microcontroller clock output
45
RXCLK
receive data clock output
20
VND
digital negative power
supply
46-49
for factory use, make no
connections
21
XTALO
crystal oscillator output
50
PEXT
for factory use; tie to ground
22
XTALI
crystal oscillator (clock)
input
51
VPD
digital positive power supply
23
VPD
digital positive power supply
52
VND
digital negative power supply
24
5,1*
ring detect input
53-57
n/c
25
n/c
58-73
for factory use, make no
connections
26
'7,
data transition 0 input
74
VND
digital negative power supply
27
VNA
analog negative power
supply
75-81
n/c
28
n/c
82
VPD
digital positive power supply
29
VPA
analog positive power
supply
83
n/c
30
OUTNA
analog negative output
84-90
for factory use, make no
connections
31
OUTPA
analog positive output
91
n/c
32
VREF
analog voltage reference
output
33
VBG
bandgap bypass point
34
INPA
analog positive input
92-100
for factory use, make no
connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com