Electronic Components Datasheet Search
  English  ▼

X  

73M2921 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 73M2921
Description  Advanced Single Chip Modem
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

73M2921 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 73M2921 Datasheet HTML 4Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 5Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 6Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 7Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 8Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 9Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 10Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 11Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
73M2921
Advanced Single
Chip Modem
Page 8 of 41
TDK Semiconductor
February 99 Rev M
as to internal RAM are performed through these four bytes of memory (see Table 1).
There are 5 separate types of register access possible through the microcontroller interface. These are:
1.
Access to CR0.
2.
Configuration register access (CR1, CR2), via the Mailbox.
3.
Access to the 8-bit General register set via the Mailbox.
4.
Unsolicited Response status, via the Mailbox.
5.
Memory Block Transfer, via the Mailbox (Not described in this document, please refer to application note
“Using the Mailbox on the 73M2921”).
The host controller initiates all communications over the data bus by sending a command to either read or write to
a location. CR0 is a special case in that it is accessed directly by way of the address bits and does not generate
a response from the 73M2921. All other registers are accessed indirectly by way of a “mailbox” register and will
generate a response from the 73M2921.
UA [1:0]
ADDRESS
DESTINATION/SOURCE
0 0
0
Direct hardware control of CR0 (MSB)
Write Only
0 1
1
Direct hardware control of CR0 (LSB)
Write Only
1 0
2
Mailbox function – Control Byte/High Byte
Read/Write
1 1
3
Mailbox function – Data Byte/Low Byte
Read/Write
Table 1 – Interface Register Address
(1) CONTROL REGISTER CR0 DESCRIPTION
Control Register 0 (CR0) is a 16 bit register that defines functions of general importance to the modem system.
CR0 can be written to directly from the microcontroller interface, and is read/write accessible by the internal DSP.
Control of a number of DSP functions is accomplished by writing two 8 bit bytes to this 16 bit wide register. UA
Address 00b accesses bits D15 through D8 and address 01b is for bits D7 through D0. Writing to these locations
directly access CR0. Writing to the CR0 Register sets an internal bit notifying the internal DSP firmware that the
host microcontroller has issued a command. Access to CR0 does not return a response to the host controller.
Table 2 shows the state of CR0 after various reset conditions. Note that a reset from the register bit D3 (Reset
Chip) does not alter the power-up source mask bit D2 and D1 and they remain unchanged from the previous state
(U = unchanged).
CONDITION
D1
5
D1
4
D1
3
D1
2
D1
1
D1
0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Reset from
Reset Pin
11
11
11
10
10
11
00
01
Reset from
CR0 bit D3
11
11
11
10
10
11
0
U
U
1
Table 2 - CR0 State After Reset
State of CR0 after reset from the reset pin and CR0 Reset bit (U = unchanged from previous state)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com