Electronic Components Datasheet Search
  English  ▼

X  

73M2921 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # 73M2921
Description  Advanced Single Chip Modem
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

73M2921 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button 73M2921 Datasheet HTML 32Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 33Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 34Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 35Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 36Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 37Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 38Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 39Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
73M2921
Advanced Single
Chip Modem
Page 36 of 41
TDK Semiconductor
February 99 Rev M
DESIGN CONSIDERATIONS
TDK Semiconductor’s single chip modem solutions include all the basic modem functions. This makes these
devices adaptable to a variety of applications, and as easy to control as conventional digital bus peripherals.
Unlike digital logic circuitry, modem designs must contend with precise frequency tolerances and verify low level
analog signals, to ensure acceptable performance. Using good analog circuit design practices will generally
result in a sound design. The crystal oscillator should be held to a 50ppm tolerance. Following are additional
recommendations that should be taken into consideration when starting new designs. Additional information is
available in the 73M2921 Design Guide.
LAYOUT CONSIDERATIONS
Good analog/digital design rules must be used to control system noise in order to obtain high performance in
modem designs. The more digital circuitry present on the PC board, the more attention to noise control is needed.
The 73M2921 should be considered a high performance analog device. A 10
µF electrolytic capacitor in parallel
with a 0.1
µF Ceramic capacitor should be placed between VPD and VND as well as between VPA and VNA. A
0.1
µF ceramic capacitor should be placed between VREF and VNA as well as VBG and VNA. Liberal use of
ground planes and large traces on power are also highly recommended. High speed, digital circuits tend to
generate a significant amount of EMI (Electro-Magnetic Interference) which must be minimized in order to meet
regulatory agency limitations.
To accomplish this, high speed, digital devices should be locally bypassed, and the telephone line interface and
the modem should be located next to each other near where the telephone line connection is accessed. To avoid
problems, power supplies and ground traces should be routed separately to the analog and digital portions on the
board. Digital signals should not be routed near low level analog or high impedance analog traces.
MODEM PERFORMANCE CHARACTERISTICS
The curves presented here define modem IC performance under a variety of line conditions typical of those
encountered over public service telephone lines.
BER vs. SNR (see Figure 9)
This test represents the ability of the modem to operate over noisy lines with a minimum amount of data transfer
errors. Since some noise is generated in the best dial up lines, the modem must operate with the lowest signal to
noise ratio (SNR) possible. Better modem performance is indicated by test curves that are closest to the BER
axis.
A narrow spread between curves representing the four line parameters indicates minimal variation in
performance while operating over a range of aberrant operating conditions. Typically a DPSK modem will exhibit
better BER performance test curves receiving in the low band (answer mode) than in the high band (originate
mode).
BER vs. RECEIVE LEVEL
This test measures the dynamic range of the modem. Because signal levels vary widely over dial up lines, the
widest possible dynamic range possible is desirable. The minimum Bell specification calls for 36dB of dynamic
range. The SNR is held constant at the indicated values as the Receive level is lowered from very a very high to
a very low signal level. The width of the bowl of these curves, taken at the BER point is the measure of the
dynamic range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com