Electronic Components Datasheet Search
  English  ▼

X  

73M2921 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 73M2921
Description  Advanced Single Chip Modem
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

73M2921 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 73M2921 Datasheet HTML 9Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 10Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 11Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 12Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 13Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 14Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 15Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 16Page - List of Unclassifed Manufacturers 73M2921 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
73M2921
Advanced Single
Chip Modem
February 99 Rev M
TDK Semiconductor
Page 13 of 41
REGISTER NAME:
CR1 Configuration Register 1
ADDRESS: 05H (101b)
CR1 controls Diagnostic modes, data wait, 5V power supply detect, speaker volume, ADC/DAC sampling rate,
slave sync, digital loopback, digital interface loopback, enable digital interface, and enable timer. It also has bits
that are reserved for test modes.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
EN
TIMER
TEST
3
TEST
2
EN
DIGI
TDK
TDK
0
0
SLAVE
SYNC
16
KHZ
SPKR VOL
(1:0)
05V
DETECT
DATA
WAIT
DIAG
MODE
BIT NO.
NAME
CONDITION
DESCRIPTION
D0
Diagnostic
Mode
(Test Mode)
Always 0
DIAGNOSTIC MODE: Must be zero.
D1
Data Wait
(Test Mode)
Always 0
Must be zero.
D2
5V Detect
(output)
This is a logical 1 if the power supply to the 73M2921 is in the
5V range.
Note, this signal is valid only when EN ANALOG
(CR2: D10) is enabled.
D3
0
Not Used.
D4,D5
Speaker
Volume (1:0)
2
1
1
1
0
0
1
00
High Volume
Medium Volume
Low Volume
Speaker off
1
The ADC/DAC sampling rates are 16.0KHz
D6
16KHz
0
The ADC/DAC sampling rates are 14.4KHZ (Default)
1
The phase error register measures the time between the rising
edge of RXC and the rising edge of TXC
D7
Slave Sync
(modem test
mode)
0
The phase error register measures the time between the rising
edge of EXC and the rising edge of TXC
D8,D9
0
Not Used
D10
TDK
Always 0
TDK proprietary.
D11
TDK
Always 0
TDK proprietary.
1
Enables the digital serial interface. Pins TXCLK, RXCLK, TXD,
and RXD are enabled. Must be set to one for normal operation.
D12
Enable Digital
Interface
0
Tri-states pins TXCLK and RXCLK (with a weak pull-down to 0).
RXD pin is driven to a 1, TXD is disabled at the input pin, and
the timer baud clocks are forced low.
D13
Test 2
0
Must be zero.
D14
Test 3
0
Must be zero.
D15
Enable Timer
1
When set to 1, sample, bit, and clocks for transmit and receive
are running. Baud (provided that EN DIGI is true).

9ROXPH3&0RXWSXWRQSLQ021XQGHUVRIWZDUHFRQWURO6HHDSSOLFDWLRQQRWHFRQFHUQLQJWKHXVHRIWKLVSLQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com