Electronic Components Datasheet Search
  English  ▼

X  

LTC3607 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3607
Description  Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3607 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3607 Datasheet HTML 2Page - Linear Technology LTC3607 Datasheet HTML 3Page - Linear Technology LTC3607 Datasheet HTML 4Page - Linear Technology LTC3607 Datasheet HTML 5Page - Linear Technology LTC3607 Datasheet HTML 6Page - Linear Technology LTC3607 Datasheet HTML 7Page - Linear Technology LTC3607 Datasheet HTML 8Page - Linear Technology LTC3607 Datasheet HTML 9Page - Linear Technology LTC3607 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3607
6
3607fb
For more information www.linear.com/LTC3607
pin FuncTions
PVIN1, PVIN2, SVIN (Pins 6, 7, 3/Pins 4, 5, 1): Main Power
Supply. Must be closely decoupled to GND. These inputs
may each be powered from different supply voltages.
Connect SVIN to either PVIN1 or PVIN2, whichever one
is higher. For applications where it’s not known which
PVIN(1or2)ishigher,connectexternaldiodesbetweenSVIN
to both PVIN1 and PVIN2 to ensure that SVIN is less than a
diode drop from the higher of PVIN1 or PVIN2.
PGND1,PGND2,SGND,PGND(Pins4,9,10,12,Exposed
Pad Pin 17/Pins 2, 7, 8, 10, Exposed Pad Pin 17): Main
Ground. Connect to the (–) terminals of COUT1, COUT2, and
CIN. The exposed pad must be soldered to PCB ground for
electricalcontactandratedthermalperformance.AllSGND
and PGND pins must be externally connected to ground.
VFB1 (Pin 15/Pin 13): Regulator 1 Output Feedback.
Receives the feedback voltage from the external resistor
divider across the regulator 1 output. Nominal voltage for
this pin is 0.6V.
SW1 (Pin 5/Pin 3): Regulator 1 Switch Node Connection
to the Inductor. This pin switches from PVIN1 to PGND1.
RUN1 (Pin 16/Pin 14): Regulator 1 Enable. Forcing this
pin high (above 3V) enables regulator 1, while forcing it
to SGND causes regulator 1 to shut down. It is possible
to use a 3.3V source to drive this pin, or tie it to SVIN.
An internal soft-start limits the rise time to a minimum
of 0.35ms.
PGOOD1 (Pin 2/Pin 16): Regulator 1 Power Good. This
common-drain logic output is pulled to SGND when the
channel 1 output voltage is not within ±8.5% of regulation.
VFB2 (Pin 14/Pin 12): Regulator 2 Output Feedback.
Receives the feedback voltage from the external resistor
divider across the regulator 2 output. Nominal voltage for
this pin is 0.6V.
SW2 (Pin 8/Pin 6): Regulator 2 Switch Node Connection
to the Inductor. This pin switches from PVIN2 to PGND2.
RUN2 (Pin 13/Pin 11): Regulator 2 Enable. Forcing this
pin high (above 3.0V) enables regulator 2, while forcing
it to SGND causes regulator 2 to shut down. It is possible
to use a 3.3V source to drive this pin, or tie it to SVIN.
An internal soft-start limits the rise time to a minimum
of 0.35ms.
PGOOD2 (Pin 11/Pin 9): Regulator 2 Power Good. This
common-drain logic output is pulled to SGND when the
channel 2 output voltage is not within ±8.5% of regulation.
MODE/SYNC (Pin 1/Pin 15): Combination Mode Selec-
tion and Oscillator Synchronization. This pin controls the
light-load behavior of the device. Forcing this pin to SGND
selects pulse-skipping mode. Floating this pin or forcing
it above 1V selects Burst Mode operation. The internal
oscillation frequency can be synchronized to an external
oscillator applied to this pin and pulse-skipping mode is
automatically selected.
(QFN/MSE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com